전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 31 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-15
Figure 3-9 SRAM Read Access
118
TA setup before RD or WR deassertion4
0.25
× T
C + 2.0
4.5
ns
119
TA hold after RD or WR deassertion
0
ns
1 All timings for 100 MHz are measured from 0.5 · Vcc to .05 · Vcc
2 WS is the number of wait states specified in the BCR.
3 Timings 100, 107 are guaranteed by design, not tested.
4 In the case of TA negation: timing 118 is relative to the deassertion edge of RD or WR were TA to remain active.
Table 3-8 SRAM Read and Write Accesses1 (continued)
No.
Characteristics
Symbol
Expression2
Min
Max
Unit
A0–A17
RD
WR
D0–D7
AA0–AA1
115
105
106
113
104
116
117
100
AA0468
TA
119
Data
In
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More