전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 36 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
3-20
Freescale Semiconductor
Table 3-10 DRAM Page Mode Timings, Two Wait States1, 2, 3, 4
No.
Characteristics
Symbol
Expression5
66 MHz
80 MHz
Unit
Min
Max
Min
Max
131
Page mode cycle time for two consecutive
accesses of the same direction
tPC
2
× T
C
45.4
37.5
ns
Page mode cycle time for mixed (read and
write) accesses
1.25
× T
C
41.1
34.4
ns
132
CAS assertion to data valid (read)
tCAC
1.5
× T
C − 7.5
15.2
ns
1.5
× T
C − 6.5
12.3
ns
133
Column address valid to data valid (read)
tAA
2.5
× T
C − 7.5
30.4
ns
2.5
× T
C − 6.5
24.8
ns
134
CAS deassertion to data not valid (read hold
time)
tOFF
0.0
0.0
ns
135
Last CAS assertion to RAS deassertion
tRSH
1.75
× T
C − 4.0
22.5
17.9
ns
136
Previous CAS deassertion to RAS
deassertion
tRHCP
3.25
× T
C − 4.0
45.2
36.6
ns
137
CAS assertion pulse width
tCAS
1.5
× T
C − 4.0
18.7
14.8
ns
138
Last CAS deassertion to RAS deassertion6
• BRW[1:0] = 00
tCRP
2.0
× T
C − 6.0
24.4
19.0
ns
• BRW[1:0] = 01
3.5
× T
C − 6.0
47.2
37.8
ns
• BRW[1:0] = 10
4.5
× T
C − 6.0
62.4
50.3
ns
• BRW[1:0] = 11
6.5
× T
C − 6.0
92.8
75.3
ns
139
CAS deassertion pulse width
tCP
1.25
× T
C − 4.0
14.9
11.6
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
11.2
8.5
ns
141
CAS assertion to column address not valid
tCAH
1.75
× T
C − 4.0
22.5
17.9
ns
142
Last column address valid to RAS
deassertion
tRAL
3
× T
C − 4.0
41.5
33.5
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× T
C − 3.8
15.1
11.8
ns
144
CAS deassertion to WR assertion
tRCH
0.5
× T
C − 3.7
3.9
2.6
ns
145
CAS assertion to WR deassertion
tWCH
1.5
× T
C − 4.2
18.5
14.6
ns
146
WR assertion pulse width
tWP
2.5
× T
C − 4.5
33.5
26.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com