전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 92 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
A-8
Freescale Semiconductor
1.30V
23.157p
372.250p
18.302p
1.40V
27.297p
404.143p
22.221p
1.50V
31.436p
436.027p
26.139p
1.60V
35.576p
467.910p
30.057p
1.70V
39.715p
499.805p
33.974p
1.80V
43.855p
531.722p
37.892p
1.90V
47.995p
563.675p
41.810p
2.10V
56.277p
627.761p
49.646p
2.20V
60.418p
659.933p
53.564p
2.30V
64.561p
692.106p
57.482p
2.40V
68.706p
723.142p
61.400p
2.50V
72.847p
751.973p
65.319p
2.60V
76.869p
780.264p
69.237p
2.70V
80.074p
808.442p
73.156p
2.80V
82.499p
835.513p
77.065p
2.90V
84.837p
860.391p
80.794p
3.10V
89.018p
1.265n
86.195p
3.20V
89.573p
1.305n
88.344p
3.30V
103.108p
1.593n
90.478p
|
[POWER_clamp]
|
|Voltage
I(typ)
I(min)
I(max)
|
3.30V
-33.685p -340.944n
-20.906p
3.40V
-72.583p
-3.576u
-25.110p
3.50V
-964.564p
-33.637u
-29.748p
3.60V
-20.874n -295.354u
-34.610p
3.70V
-432.304n
-2.883m
-43.910p
3.80V
-8.033u
-14.319m -258.649p
3.90V
-85.877u
-37.029m
-8.593n
4.10V
-2.254m -106.839m
-9.999u
4.20V
-16.024m -146.891m -147.930u
4.30V
-55.636m -188.327m -845.181u
4.40V
-116.756m -230.618m
-2.370m
4.50V
-187.395m -273.482m
-6.612m
4.60V
-262.067m -316.758m
-33.199m
4.70V
-338.839m -360.342m
-95.231m
4.80V
-416.878m -404.164m -175.533m
4.90V
-495.760m -448.177m -262.384m
5.10V
-655.171m -536.642m -443.730m
5.20V
-735.446m -581.048m -536.295m
5.30V
-815.997m -625.548m -629.587m
5.40V
-896.773m -670.127m -723.409m
5.50V
-977.735m -714.777m -817.634m
5.60V
-1.059 -759.489m -912.174m
5.70V
-1.140 -804.256m
-1.007
5.80V
-1.221 -849.071m
-1.102
5.90V
-1.303 -893.931m
-1.197
6.10V
-1.466 -983.765m
-1.388
6.20V
-1.548
-1.029
-1.483
6.30V
-1.630
-1.074
-1.579
6.40V
-1.711
-1.119
-1.675
6.50V
-1.793
-1.164
-1.771
6.60V
-1.875
-1.209
-1.867



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com