전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 88 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
A-4
Freescale Semiconductor
-0.10V
-1.885m
-1.080m
-2.825m
0.00V
1.898p
1.419p
1.871p
0.10V
1.857m
1.057m
2.800m
0.20V
3.630m
2.064m
5.482m
0.30V
5.323m
3.023m
8.052m
0.40V
6.936m
3.935m
10.508m
0.50V
8.467m
4.798m
12.849m
0.60V
9.915m
5.611m
15.073m
0.70V
11.275m
6.371m
17.176m
0.80V
12.546m
7.078m
19.155m
0.90V
13.723m
7.726m
21.011m
1.00V
36.925m
20.745m
56.704m
1.10V
39.391m
22.074m
60.708m
1.20V
41.612m
23.244m
64.383m
1.30V
43.585m
24.247m
67.726m
1.40V
45.305m
25.079m
70.735m
1.50V
46.773m
25.741m
73.414m
1.60V
47.997m
26.251m
75.766m
1.70V
48.985m
26.633m
77.783m
1.80V
49.733m
26.905m
79.441m
1.90V
50.257m
27.092m
80.724m
2.00V
50.612m
27.223m
81.651m
2.10V
50.858m
27.321m
82.294m
2.20V
51.040m
27.399m
82.744m
2.30V
51.182m
27.465m
83.074m
2.40V
51.302m
27.522m
83.332m
2.50V
51.405m
27.572m
83.543m
2.60V
51.497m
27.618m
83.724m
2.70V
51.581m
27.657m
83.884m
2.80V
51.658m
27.674m
84.030m
2.90V
51.727m
27.587m
84.165m
3.00V
51.757m
27.577m
84.290m
3.10V
51.229m
28.700m
84.409m
3.20V
49.190m
30.042m
84.515m
3.30V
49.441m
31.171m
84.491m
3.40V
51.034m
32.199m
81.077m
3.50V
54.363m
33.153m
79.736m
3.60V
57.165m
34.039m
80.276m
3.70V
58.834m
34.872m
82.430m
3.80V
60.328m
35.686m
85.482m
3.90V
61.725m
36.495m
91.743m
4.00V
63.035m
37.291m
94.219m
4.10V
64.319m
38.051m
96.276m
4.20V
65.598m
38.755m
98.249m
4.30V
66.836m
39.394m
100.059m
4.40V
67.999m
39.962m
101.849m
4.50V
69.069m
40.453m
103.628m
4.60V
70.046m
40.840m
105.345m
4.70V
70.938m
41.065m
106.956m
4.80V
71.751m
40.952m
108.448m
4.90V
72.476m
40.067m
109.826m
5.00V
73.089m
39.395m
111.106m
5.10V
73.531m
39.313m
112.297m
5.20V
73.651m
39.358m
113.400m
5.30V
72.901m
39.410m
114.401m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com