전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 94 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
A-10
Freescale Semiconductor
-0.40V
-7.378m
-4.288m
-10.922m
-0.30V
-5.572m
-3.224m
-8.282m
-0.20V
-3.741m
-2.154m
-5.584m
-0.10V
-1.885m
-1.080m
-2.825m
0.00V
1.898p
1.419p
1.871p
0.10V
1.857m
1.057m
2.800m
0.20V
3.630m
2.064m
5.482m
0.30V
5.323m
3.023m
8.052m
0.40V
6.936m
3.935m
10.508m
0.50V
8.467m
4.798m
12.849m
0.60V
9.915m
5.611m
15.073m
0.70V
11.275m
6.371m
17.176m
0.80V
12.546m
7.078m
19.155m
0.90V
13.723m
7.726m
21.011m
1.00V
36.925m
20.745m
56.704m
1.10V
39.391m
22.074m
60.708m
1.20V
41.612m
23.244m
64.383m
1.30V
43.585m
24.247m
67.726m
1.40V
45.305m
25.079m
70.735m
1.50V
46.773m
25.741m
73.414m
1.60V
47.997m
26.251m
75.766m
1.70V
48.985m
26.633m
77.783m
1.80V
49.733m
26.905m
79.441m
1.90V
50.257m
27.092m
80.724m
2.00V
50.612m
27.223m
81.651m
2.10V
50.858m
27.321m
82.294m
2.20V
51.040m
27.399m
82.744m
2.30V
51.182m
27.465m
83.074m
2.40V
51.302m
27.522m
83.332m
2.50V
51.405m
27.572m
83.543m
2.60V
51.497m
27.618m
83.724m
2.70V
51.581m
27.658m
83.884m
2.80V
51.658m
27.683m
84.030m
2.90V
51.729m
27.643m
84.165m
3.00V
51.781m
27.704m
84.290m
3.10V
51.640m
28.793m
84.409m
3.20V
50.282m
30.065m
84.519m
3.30V
50.273m
31.174m
84.574m
3.40V
51.871m
32.200m
83.365m
3.50V
55.121m
33.153m
80.948m
3.60V
57.228m
34.039m
81.423m
3.70V
58.838m
34.872m
83.424m
3.80V
60.328m
35.687m
87.158m
3.90V
61.725m
36.498m
91.951m
4.00V
63.035m
37.296m
94.228m
4.10V
64.321m
38.059m
96.276m
4.20V
65.602m
38.767m
98.249m
4.30V
66.844m
39.409m
100.060m
4.40V
68.012m
39.982m
101.853m
4.50V
69.088m
40.478m
103.638m
4.60V
70.072m
40.871m
105.361m
4.70V
70.973m
41.102m
106.982m
4.80V
71.794m
40.996m
108.484m
4.90V
72.529m
40.118m
109.875m
5.00V
73.152m
39.453m
111.168m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com