전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 61 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-45
3.12.1
Programming the Serial Clock
The programmed serial clock cycle, TI2CCP, is specified by the value of the HDM[5:0] and HRS bits of the
HCKR (SHI clock control register).
The expression for TI2CCP is
where
HRS is the prescaler rate select bit. When HRS is cleared, the fixed divide-by-eight prescaler is
operational. When HRS is set, the prescaler is bypassed.
HDM[7:0] are the divider modulus select bits.
A divide ratio from 1 to 64 (HDM[5:0] = 0 to $3F) may be selected.
186 First SCL sampling edge to HREQ output
deassertion
TNG;RQO
ns
• Filters bypassed
2
× T
C + 30
50
50
ns
• Narrow filters enabled
2
× T
C + 120
140
140
ns
• Wide filters enabled
2
× T
C + 208
228
228
ns
187 Last SCL edge to HREQ output not
deasserted
TAS;RQO
ns
• Filters bypassed
2
× T
C + 30
50
50
ns
• Narrow filters enabled
2
× T
C + 80
100
100
ns
• Wide filters enabled
2
× T
C + 135
155
155
ns
188 HREQ in assertion to first SCL edge
TAS;RQI
0.5
× T
I2CCP -
0.5
× T
C - 21
ns
• Filters bypassed
4327
927
ns
• Narrow filters enabled
4282
882
ns
• Wide filters enabled
4238
838
ns
1 R
P (min) = 1.5 k¾
Table 3-18 SHI I2C Protocol Timing (continued)
Standard I2C1
No.
Characteristics
Symbol/
Expression
Standard-Mode
Fast-Mode
Unit
Min
Max
Min
Max
T
I
2CCP
TC 2
×
HDM 7 0
:
[] 1
+
()
×
7
(
1HRS
()
×
×
1
)
+
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com