전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 98 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
A-14
Freescale Semiconductor
0.90V
4.192p
241.802p
-71.907f
1.10V
12.674p
306.070p
7.965p
1.20V
16.914p
338.124p
11.984p
1.30V
21.154p
370.146p
16.002p
1.40V
25.393p
402.147p
20.020p
1.50V
29.633p
434.138p
24.038p
1.60V
-31.788p
466.129p
28.056p
1.70V
38.112p
498.131p
-33.622p
1.80V
42.352p
530.156p
36.092p
1.90V
46.592p
562.217p
40.110p
2.10V
55.074p
626.519p
48.146p
2.20V
59.316p
658.799p
52.164p
2.30V
63.559p
691.080p
56.182p
2.40V
67.803p
722.224p
60.200p
2.50V
72.044p
751.129p
64.219p
2.60V
76.162p
779.443p
68.237p
2.70V
79.409p
807.731p
72.256p
2.80V
81.838p
835.534p
76.265p
2.90V
84.178p
864.770p
80.080p
3.10V
88.733p
1.234n
85.501p
3.20V
90.025p
1.247n
87.652p
3.30V
96.129p
1.274n
89.793p
|
[POWER_clamp]
|
|Voltage
I(typ)
I(min)
I(max)
|
3.30V
-36.990p -340.971n
-24.206p
3.40V
-75.987p
-3.576u
-28.510p
3.50V
-968.068p
-33.646u
-33.249p
3.60V
-20.878n -295.501u
-38.210p
3.70V
-432.308n
-2.884m
-47.610p
3.80V
-8.033u
-14.321m -262.449p
3.90V
-85.878u
-37.031m
-8.597n
4.10V
-2.255m -106.842m
-9.999u
4.20V
-16.027m -146.893m -147.930u
4.30V
-55.640m -188.330m -845.183u
4.40V
-116.760m -230.621m
-2.370m
4.50V
-187.399m -273.485m
-6.614m
4.60V
-262.072m -316.761m
-33.203m
4.70V
-338.844m -360.345m
-95.235m
4.80V
-416.883m -404.167m -175.537m
4.90V
-495.766m -448.180m -262.388m
5.10V
-655.177m -536.646m -443.735m
5.20V
-735.452m -581.052m -536.300m
5.30V
-816.003m -625.551m -629.593m
5.40V
-896.779m -670.131m -723.415m
5.50V
-977.740m -714.781m -817.639m
5.60V
-1.059 -759.493m -912.179m
5.70V
-1.140 -804.259m
-1.007
5.80V
-1.221 -849.075m
-1.102
5.90V
-1.303 -893.934m
-1.197
6.10V
-1.466 -983.769m
-1.388
6.20V
-1.548
-1.029
-1.483
6.30V
-1.630
-1.074
-1.579



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com