전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 45 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-29
188
WR assertion to CAS assertion
tWCS
3
× T
C − 4.3
145.7
95.7
ns
189
CAS assertion to RAS assertion
(refresh)
tCSR
0.5
× T
C − 4.0
21.0
12.7
ns
190
RAS deassertion to CAS assertion
(refresh)
tRPC
1.25
× T
C − 4.0
58.5
37.7
ns
191
RD assertion to RAS deassertion
tROH
4.5
× T
C − 4.0
221.0
146.0
ns
192
RD assertion to data valid
tGA
4
× T
C − 7.5
192.5
125.8
ns
193
RD deassertion to data not valid3
tGZ
0.0
0.0
ns
194
WR assertion to data active
0.75
× T
C − 0.3
37.2
24.7
ns
195
WR deassertion to data high
impedance
0.25
× T
C
12.5
8.3
ns
1 The number of wait states for out of page access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
4 Reduced DSP clock speed allows use of DRAM out-of-page access with four Wait states (See
Figure 3-17).
Table 3-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2
No.
Characteristics3
Symbol
Expression4
66 MHz
80 MHz
Unit
Min
Max
Min
Max
157
Random read or write cycle time
tRC
9
× T
C
136.4
112.5
ns
158
RAS assertion to data valid (read)
tRAC
4.75
× T
C − 7.5
64.5
ns
4.75
× T
C − 6.5
52.9
ns
159
CAS assertion to data valid (read)
tCAC
2.25
× T
C − 7.5
26.6
ns
2.25
× T
C − 6.5
21.6
ns
160
Column address valid to data valid
(read)
tAA
3
× T
C − 7.5
40.0
ns
3
× T
C − 6.5
31.0
ns
161
CAS deassertion to data not valid
(read hold time)
tOFF
0.0
0.0
ns
162
RAS deassertion to RAS assertion
tRP
3.25
× T
C − 4.0
45.2
36.6
ns
163
RAS assertion pulse width
tRAS
5.75
× T
C − 4.0
83.1
67.9
ns
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com