전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 48 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
3-32
Freescale Semiconductor
164
CAS assertion to RAS deassertion
tRSH
5.25
× T
C − 4.0
48.5
ns
165
RAS assertion to CAS deassertion
tCSH
6.25
× T
C − 4.0
58.5
ns
166
CAS assertion pulse width
tCAS
3.75
× T
C − 4.0
33.5
ns
167
RAS assertion to CAS assertion
tRCD
2.5
× T
C ± 4.0
21.0
29.0
ns
168
RAS assertion to column address valid
tRAD
1.75
× T
C ± 4.0
13.5
21.5
ns
169
CAS deassertion to RAS assertion
tCRP
5.75
× T
C − 4.0
53.5
ns
170
CAS deassertion pulse width
tCP
4.25
× T
C − 4.0
38.5
ns
171
Row address valid to RAS assertion
tASR
4.25
× T
C − 4.0
38.5
ns
172
RAS assertion to row address not valid
tRAH
1.75
× T
C − 4.0
13.5
ns
173
Column address valid to CAS assertion
tASC
0.75
× T
C − 4.0
3.5
ns
174
CAS assertion to column address not valid
tCAH
5.25
× T
C − 4.0
48.5
ns
175
RAS assertion to column address not valid
tAR
7.75
× T
C − 4.0
73.5
ns
176
Column address valid to RAS deassertion
tRAL
6
× T
C − 4.0
56.0
ns
177
WR deassertion to CAS assertion
tRCS
3.0
× T
C − 4.0
26.0
ns
178
CAS deassertion to WR5 assertion
tRCH
1.75
× T
C − 4.0
13.5
ns
179
RAS deassertion to WR5 assertion
tRRH
0.25
× T
C − 2.0
0.5
ns
180
CAS assertion to WR deassertion
tWCH
5
× T
C − 4.2
45.8
ns
181
RAS assertion to WR deassertion
tWCR
7.5
× T
C − 4.2
70.8
ns
182
WR assertion pulse width
tWP
11.5
× T
C − 4.5
110.5
ns
183
WR assertion to RAS deassertion
tRWL
11.75
× T
C − 4.3
113.2
ns
184
WR assertion to CAS deassertion
tCWL
10.25
× T
C − 4.3
103.2
ns
185
Data valid to CAS assertion (write)
tDS
5.75
× T
C − 4.0
53.5
ns
186
CAS assertion to data not valid (write)
tDH
5.25
× T
C − 4.0
48.5
ns
187
RAS assertion to data not valid (write)
tDHR
7.75
× T
C − 4.0
73.5
ns
188
WR assertion to CAS assertion
tWCS
6.5
× T
C − 4.3
60.7
ns
189
CAS assertion to RAS assertion (refresh)
tCSR
1.5
× T
C − 4.0
11.0
ns
190
RAS deassertion to CAS assertion (refresh)
tRPC
2.75
× T
C − 4.0
23.5
ns
Table 3-15 DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression4
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com