전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 68 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
GPIO Timing
DSP56364 Technical Data, Rev. 4.1
3-52
Freescale Semiconductor
Figure 3-26 ESAI HCKR Timing
3.14
GPIO Timing
Table 3-21 GPIO Timing
No.
Characteristics1
1 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +105°C, CL = 50 pF
Expression
Min
Max
Unit
4902
2 Valid only when PLL enabled with multiplication factor equal to one.
EXTAL edge to GPIO out valid (GPIO out delay time)
32.8
ns
491
EXTAL edge to GPIO out not valid (GPIO out hold time)
4.8
ns
492
GPIO In valid to EXTAL edge (GPIO in set-up time)
10.2
ns
493
EXTAL edge to GPIO in not valid (GPIO in hold time)
1.8
ns
4942
Fetch to EXTAL edge before GPIO change
6.75
× T
C-1.8
65.7
ns
495
GPIO out rise time
13
ns
496
GPIO out fall time
13
ns
HCKR
SCKR (output)
465
463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com