전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 55 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
Serial Host Interface SPI Protocol Timing
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-39
152
SCK edge to data out valid
(data out delay time)
Master/
Slave
Bypassed
2
×T
C+33
53
ns
Narrow
2
×T
C+123
143
ns
Wide
2
×T
C+210
230
ns
153
SCK edge to data out not valid
(data out hold time)
Master/
Slave
Bypassed
TC+5
15
ns
Narrow
TC+55
65
ns
Wide
TC+106
116
ns
154
SS assertion to data out valid
(CPHA = 0)
Slave
TC+33
43
ns
157
First SCK sampling edge to HREQ output
deassertion
Slave
Bypassed
2.5
×T
C+30
55
ns
Narrow
2.5
×T
C+120
145
ns
Wide
2.5
×T
C+217
242
ns
158
Last SCK sampling edge to HREQ output not
deasserted (CPHA = 1)
Slave
Bypassed
2.5
×T
C+30
55
ns
Narrow
2.5
×T
C+80
105
ns
Wide
2.5
×T
C+136
161
ns
159
SS deassertion to HREQ output not deasserted
(CPHA = 0)
Slave
2.5
×T
C+30
55
ns
160
SS deassertion pulse width (CPHA = 0)
Slave
TC+6
16
ns
161
HREQ in assertion to first SCK edge
Master
Bypassed
0.5
× t
SPICC +
2.5
×T
C+43
121
ns
Narrow
0.5
×t
SPICC +
2.5
×T
C+43
174
ns
Wide
0.5
×t
SPICC +
2.5
×T
C+43
209
ns
162
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
0
0
ns
163
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
0
0
ns
Note: Periodically sampled, not 100% tested
Table 3-17 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics
Mode
Filter
Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com