전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 8 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
Clock and PLL
DSP56364 Technical Data, Rev. 4.1
2-4
Freescale Semiconductor
2.4
Clock and PLL
2.5
External Memory Expansion Port (Port A)
When the DSP56364 enters a low-power standby mode (stop or wait), it tri-states the relevant port A
signals: D0–D7, AA0, AA1, RD, WR, CAS.
2.5.1
External Address Bus
GNDC (1)
Bus Control Ground—GNDC is an isolated ground for the bus control I/O drivers. This connection must
be tied externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There is one GNDC connections.
GNDS (3)
SHI and ESAI —GNDS is an isolated ground for the SHI and ESAI. This connection must be tied externally
to all other chip ground connections. The user must provide adequate external decoupling capacitors.
There are three GNDS connections.
Table 2-4 Clock and PLL Signals
Signal Name
Type
State During
Reset
Signal Description
EXTAL
Input
Input
External Clock Input—An external clock source must be connected to EXTAL in
order to supply the clock to the internal clock generator and PLL.
PCAP
Input
Input
PLL Capacitor—PCAP is an input connecting an off-chip capacitor to the PLL filter.
Connect one capacitor terminal to PCAP and the other terminal to VCCP.
If the PLL is not used, PCAP may be tied to VCC, GND, or left floating.
PINIT/NMI
Input
Input
PLL Initial/Nonmaskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control register,
determining whether the PLL is enabled or disabled. After RESET de assertion and
during normal instruction processing, the PINIT/NMI Schmitt-trigger input is a
negative-edge-triggered nonmaskable interrupt (NMI) request internally
synchronized to internal system clock.
This input is 5 V tolerant.
Table 2-5 External Address Bus Signals
Signal Name
Type
State During
Reset
Signal Description
A0–A17
Output
Keeper active Address Bus—A0–A17 are active-high outputs that specify the address for
external program and data memory accesses. Otherwise, the signals are kept
to their previous values by internal weak keepers. To minimize power
dissipation, A0–A17 do not change state when external memory spaces are not
being accessed.
Table 2-3 Grounds (continued)
Ground Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More