전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 90 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
A-6
Freescale Semiconductor
0.40V
-2.614m
-1.710m
-3.702m
0.50V
-3.192m
-2.079m
-4.537m
0.60V
-3.738m
-2.423m
-5.336m
0.70V
-4.253m
-2.742m
-6.096m
0.80V
-4.736m
-3.037m
-6.817m
0.90V
-5.185m
-3.305m
-7.499m
1.00V
-5.600m
-3.547m
-8.139m
1.10V
-5.980m
-3.762m
-8.737m
1.20V
-6.324m
-3.948m
-9.292m
1.30V
-6.631m
-17.709m
-9.802m
1.40V
-29.730m
-18.279m
-10.265m
1.50V
-30.749m
-18.747m
-45.983m
1.60V
-31.630m
-19.131m
-47.620m
1.70V
-32.393m
-19.454m
-49.086m
1.80V
-33.055m
-19.730m
-50.392m
1.90V
-33.632m
-19.973m
-51.551m
2.00V
-34.135m
-20.188m
-52.571m
2.10V
-34.575m
-20.381m
-53.463m
2.20V
-34.960m
-20.556m
-54.240m
2.30V
-35.302m
-20.715m
-54.917m
2.40V
-35.608m
-20.861m
-55.510m
2.50V
-35.884m
-20.997m
-56.035m
2.60V
-36.137m
-21.123m
-56.505m
2.70V
-36.370m
-21.241m
-56.932m
2.80V
-36.586m
-21.352m
-57.322m
2.90V
-36.788m
-21.457m
-57.683m
3.00V
-36.978m
-21.556m
-58.019m
3.10V
-37.157m
-21.650m
-58.334m
3.20V
-37.327m
-21.741m
-58.631m
3.30V
-37.489m
-21.827m
-58.913m
3.40V
-37.643m
-21.909m
-59.181m
3.50V
-37.791m
-21.989m
-59.436m
3.60V
-37.933m
-22.067m
-59.681m
3.70V
-38.070m
-22.143m
-59.916m
3.80V
-38.202m
-22.216m
-60.142m
3.90V
-38.332m
-22.284m
-60.361m
4.00V
-38.460m
-22.352m
-60.573m
4.10V
-38.590m
-22.420m
-60.780m
4.20V
-38.714m
-22.490m
-60.986m
4.30V
-38.828m
-22.561m
-61.194m
4.40V
-38.949m
-22.635m
-61.406m
4.50V
-39.076m
-22.713m
-61.623m
4.60V
-39.211m
-22.798m
-61.819m
4.70V
-39.357m
-22.892m
-62.024m
4.80V
-39.516m
-22.997m
-62.254m
4.90V
-39.693m
-23.116m
-62.506m
5.00V
-39.893m
-23.253m
-62.785m
5.10V
-40.121m
-23.411m
-63.098m
5.20V
-40.384m
-23.595m
-63.453m
5.30V
-40.689m
-23.801m
-63.860m
5.40V
-41.043m
-24.032m
-64.330m
5.50V
-41.444m
-24.288m
-64.874m
5.60V
-41.886m
-24.570m
-65.505m
5.70V
-42.370m
-24.880m
-66.214m
5.80V
-42.899m
-25.217m
-66.983m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com