전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 101 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
A-17
4.80V
71.751m
40.952m
108.448m
4.90V
72.476m
40.067m
109.826m
5.00V
73.089m
39.395m
111.106m
5.10V
73.531m
39.313m
112.297m
5.20V
73.651m
39.358m
113.400m
5.30V
72.901m
39.410m
114.401m
5.40V
71.005m
39.460m
115.267m
5.50V
70.389m
39.508m
115.917m
5.60V
70.321m
39.552m
116.139m
5.70V
70.361m
39.595m
114.582m
5.80V
70.422m
39.634m
111.344m
5.90V
70.489m
39.672m
110.612m
6.00V
70.557m
39.708m
110.449m
6.10V
70.624m
39.743m
110.455m
6.20V
70.690m
39.777m
110.515m
6.30V
70.753m
39.812m
110.595m
6.40V
70.817m
39.848m
110.686m
6.50V
70.881m
39.886m
110.783m
6.60V
70.949m
39.929m
110.885m
|
[Pullup]
| pullup in the table = pullup subtract power_clamp
|Voltage
I(typ)
I(min)
I(max)
|
-3.30V
75.797u
7.914u
161.477u
-3.20V
90.464u
17.699u
181.779u
-3.10V
105.160u
27.445u
202.314u
-3.00V
119.836u
37.119u
223.007u
-2.90V
134.451u
46.694u
243.785u
-2.80V
148.966u
56.144u
264.581u
-2.70V
163.342u
65.447u
285.332u
-2.60V
177.543u
74.582u
305.982u
-2.50V
191.536u
83.527u
326.474u
-2.40V
205.285u
92.262u
346.757u
-2.30V
218.754u
100.766u
366.776u
-2.20V
231.907u
109.016u
386.478u
-2.10V
244.706u
116.988u
405.807u
-2.00V
257.106u
124.659u
424.699u
-1.90V
269.061u
131.998u
443.089u
-1.80V
280.519u
138.978u
460.899u
-1.70V
291.423u
145.565u
478.046u
-1.60V
301.710u
151.723u
494.457u
-1.50V
311.348u
157.417u
521.406u
-1.40V
729.899u
162.626u
1.612m
-1.30V
10.510m
445.517u
14.832m
-1.20V
9.629m
6.444m
13.576m
-1.10V
8.670m
5.833m
12.231m
-1.00V
7.693m
5.190m
10.854m
-0.90V
6.732m
4.551m
9.483m
-0.80V
5.825m
3.942m
8.169m
-0.70V
5.004m
3.382m
6.971m
-0.60V
4.261m
2.869m
5.921m
-0.50V
3.549m
2.381m
4.953m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com