전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 61 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 61 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 57Page - Analog Devices ADSP-SC596 Datasheet HTML 58Page - Analog Devices ADSP-SC596 Datasheet HTML 59Page - Analog Devices ADSP-SC596 Datasheet HTML 60Page - Analog Devices ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
Rev. PrD
|
Page 61 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Preliminary Clock Related Operating Conditions
Table 22 describes the core clock, system clock, and peripheral clock timing requirements. The data presented in the table applies to all
speed grades except where noted.
Table 22. Preliminary Clock Operating Conditions
Parameter
Conditions
Min
Typ
Max
Unit
fCCLK
SHARC+ Core Clock (CCLK) Frequency
fCCLK = 2 × fSYSCLK
600
1000
MHz
fARMCCLK
Arm Cortex-A55 Core Clock (CCLK) Frequency
fARMCCLK = 2 × fSYSCLK or
fARMCCLK = fVCOCLK/3
600
1200
MHz
fSYSCLK
SYSCLK Frequency1
300
500
MHz
fSCLK0
SCLK0 Frequency
fSYSCLK = N × fSCLK0
where N = 2 or 4 or 6
30
125
MHz
fSCLK1
SCLK1 Frequency
fSYSCLK ≥ fSCLK1
333.33
MHz
fDCLK
DDR3 Clock (DCLK) Frequency2
All combinations are supported
except for:
[fCCLK > 800 MHz and Tj < 0°C and
fCCLK:fDCLK = 2:1]
300
TBD
MHz
fOCLK
Output Clock (OCLK) Frequency3
125
MHz
fSYS_CLKOUTJ
SYS_CLKOUT Period Jitter4, 5
±2
%
fLCLKTPROG
Programmed Link Port Transmit Clock
125
MHz
fLCLKREXT
External Link Port Receive Clock6, 7
fLCLKREXT ≤ fOCLK_0
125
MHz
fPCLKPROG
Programmed PPI Clock When Transmitting Data
and Frame Sync
62.5
MHz
fPCLKPROG
Programmed PPI Clock When Receiving Data
or Frame Sync
50
MHz
fPCLKEXT
External PPI Clock When Receiving Data and
Frame Sync6, 7
62.5
MHz
fPCLKEXT
External PPI Clock Transmitting Data or
Frame Sync6, 7
50
MHz
fSPTCLKPROG
Programmed SPT Clock When Transmitting Data
and Frame Sync
62.5
MHz
fSPTCLKPROG
Programmed SPT Clock When Receiving Data or
Frame Sync
31.25
MHz
fSPTCLKEXT
External SPT Clock When Receiving Data and
Frame Sync6, 7
fSPTCLKEXT ≤ fSCLK0
62.5
MHz
fSPTCLKEXT
External SPT Clock Transmitting Data or
Frame Sync6, 7
fSPTCLKEXT ≤ fSCLK0
31.25
MHz
fSPICLKPROG
Programmed SPI Clock When Transmitting Data
fSPICLK:fSCLK0 ratio = 1:1
75
MHz
fSPICLKPROG
Programmed SPI Clock When Receiving Data
fSPICLK:fSCLK0 ratio = 1:1
75
MHz
fSPICLKPROG
Programmed SPI Clock When Transmitting Data
fSPICLK:fSCLK0 ratio = 1:2
62.5
MHz
fSPICLKPROG
Programmed SPI Clock When Receiving Data
fSPICLK:fSCLK0 ratio = 1:2
62.5
MHz
fSPICLKEXT
External SPI Clock When Receiving Data6, 7
fSPICLKEXT ≤ fCDU_CLKO0
62.5
MHz
fSPICLKEXT
External SPI Clock When Transmitting Data6, 7
fSPICLKEXT ≤ fCDU_CLKO0
45
MHz
fOSPICLKPROG Programmed OSPI Clock Without Data Training
62.5
MHz
fOSPICLKPROG Programmed OSPI Clock With Data Training and
Without DQS
80
MHz
fOSPICLKPROG Programmed OSPI Clock Without Data Training and
With DQS
125
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com