전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 64 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 64 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 60Page - Analog Devices ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 134 page
background image
Rev. PrD
|
Page 64 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
IDD_IDLE
VDD_INT Current in Idle
fCCLK = 800 MHz
ASFSHARC =0.35
fSYSCLK =400 MHz
fSCLK0 = 100 MHz
fSCLK1 = 228.6 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_TYP
VDD_INT Current
fCCLK = 800 MHz
ASFSHARC =1.0
fSYSCLK =400 MHz
fSCLK0 = 100 MHz
fSCLK1 = 228.6 MHz
(Other clocks are disabled)
DMA data rate = 456 MB/s
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_IDLE
VDD_INT Current in Idle
fCCLK = 600 MHz
ASFSHARC =0.35
fSYSCLK =300 MHz
fSCLK0 =75 MHz
fSCLK1 = 240 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_TYP
VDD_INT Current
fCCLK = 600 MHz
ASFSHARC =1.0
fSYSCLK =300 MHz
fSCLK0 =75 MHz
fSCLK1 = 240 MHz
(Other clocks are disabled)
DMA data rate = 456 MB/s
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com