전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 71 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 71 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices ADSP-SC596 Datasheet HTML 70Page - Analog Devices ADSP-SC596 Datasheet HTML 71Page - Analog Devices ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices ADSP-SC596 Datasheet HTML 74Page - Analog Devices ADSP-SC596 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
Rev. PrD
|
Page 71 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Link Ports (LPs)
In LP receive mode, the LP clock is supplied externally and is called fLCLKREXT, therefore the period can be represented by
In LP transmit mode, the programmed LP clock (fLCLKTPROG) frequency in megahertz is set by the following equation where VALUE is a
field in the LP_DIV register that can be set from 1 to 255:
In the case where VALUE = 0, fLCLKTPROG = fCDU_CLKO8. For all settings of VALUE, the following equation is true:
Calculation of the link receiver data setup and hold relative to the link clock is required to determine the maximum allowable skew that
can be introduced in the transmission path length difference between LPx_Dx and LPx_CLK. Setup skew is the maximum delay that can
be introduced in LPx_Dx relative to LPx_CLK (setup skew = tLCLKTWH minimum – tDLDCH – tSLDCL). Hold skew is the maximum delay
that can be introduced in LPx_CLK relative to LPx_Dx (hold skew = tLCLKTWL minimum – tHLDCH – tHLDCL). See Table 40 for LP transmit
timing.
Table 39. LPs—Receive1
1 Specifications apply to LP0 and LP1.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
fLCLKREXT
LPx_CLK Frequency
125
MHz
tSLDCL
Data Setup Before LPx_CLK Low
1.5
ns
tHLDCL
Data Hold After LPx_CLK Low
1.4
ns
tLCLKEW
LPx_CLK Period2
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external LPx_CLK. For the external
LPx_CLK ideal maximum frequency, see the fLCLKRTEXT specification in Table 22.
tLCLKREXT – 1
ns
tLCLKRWL
LPx_CLK Width Low2
0.5 × tLCLKREXT
ns
tLCLKRWH
LPx_CLK Width High2
0.5 × tLCLKREXT
ns
Switching Characteristic
tDLALC
LPx_ACK Low Delay After LPx_CLK Low3
3 LPx_ACK goes low with tDLALC relative to rise of LPx_CLK after first byte, but does not go low if the link buffer of the receiver is not about to fill.
1.5 × tCDU_CLKO8 + 4
2.5 × tCDU_CLKO8 + 12
ns
tLCLKREXT
1
fLCLKREXT
---------------
=
fLCLKTPROG
fCDU_CLKO8
VALUE
2

----------------------
=
tLCLKTPROG
1
fLCLKTPROG
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com