전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 75 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 75 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 71Page - Analog Devices ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices ADSP-SC596 Datasheet HTML 74Page - Analog Devices ADSP-SC596 Datasheet HTML 75Page - Analog Devices ADSP-SC596 Datasheet HTML 76Page - Analog Devices ADSP-SC596 Datasheet HTML 77Page - Analog Devices ADSP-SC596 Datasheet HTML 78Page - Analog Devices ADSP-SC596 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
Rev. PrD
|
Page 75 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Table 42. LPs DDR—Transmit1
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSLACH
LPx_ACK Setup Before LPx_CLK Low
2 × tCDU_CLKO8 + 13.5
ns
tHLACH
LPx_ACK Hold After LPx_CLK Low
–2.5
ns
Switching Characteristics
tDLDCH
Data Delay After LPx_CLK
2.95
ns
tHLDCH
Data Hold After LPx_CLK
0.45
ns
tLCLKTWL
2
LPx_CLK Width Low
0.45 × tLCLKTPROG
0.55 × tLCLKTPROG
ns
tLCLKTWH
2
LPx_CLK Width High
0.45 × tLCLKTPROG
0.55 × tLCLKTPROG
ns
tLCLKTW
2
LPx_CLK Period
N × tLCLKTPROG – 0.8
ns
tDLACLK
LPx_CLK Low Delay After LPx_ACK High
tCDU_CLKO8 + 4
2 × tCDU_CLKO8 + 1 × tCDU_CLKO8 + 10 ns
1 Specifications apply to LP0 and LP1.
2 See Table 22 for details on the minimum period that can be programmed for fLCLKTPROG.
Figure 13. LPs DDR—Transmit
LPx_CLK
LPx_D3-0
(DATA)
tDLDCH
tLCLKTWH
LAST BYTE
TRANSMITTED
FIRST BYTE
TRANSMITTED
tCLKIW
tLCLKTWL
tHLDCH
tSLACH
tHLACH
tDLACLK
LPx_ACK (IN)
DATA0
DATA1
DATA2
tHLDCH
tDLDCH
tHLDCH
tDLDCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com