전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 63 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 63 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 59Page - Analog Devices ADSP-SC596 Datasheet HTML 60Page - Analog Devices ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 134 page
background image
Rev. PrD
|
Page 63 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
PRELIMINARY ELECTRICAL CHARACTERISTICS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
VOH
High Level Output Voltage
VDD_EXT = minimum,
(IOH = –2.0 mA, DS1)
1, (IOH = –4.0 mA, DS2)2
2.4
V
VOL
Low Level Output Voltage
VDD_EXT = minimum,
(IOL = 2.0 mA, DS1)
1, (IOL = 4.0 mA, DS2)2
0.4
V
VOH_XTAL
3
High Level Output Voltage
VDD_REF = minimum, IOH = –1.0 mA
1.26
V
VOL_XTAL
3
Low Level Output Voltage
VDD_REF = minimum, IOL = 1.0 mA
0.45
V
VOH_DDR3L
4
High Level Output Voltage for
DDR3L Drive Strength =100 Ω
VDD_DDR = minimum, IOH = –1.0 mA
0.963
V
VOL_DDR3L
4
Low Level Output Voltage for
DDR3L Drive Strength =100 Ω
VDD_DDR = minimum, IOL = 1.0 mA
0.32
V
VOH_DDR3
5
High Level Output Voltage for
DDR3 Drive Strength = 100 Ω
VDD_DDR = minimum, IOH = –1.0 mA
1.105
V
VOL_DDR3
5
Low Level Output Voltage for
DDR3 Drive Strength = 100 Ω
VDD_DDR = minimum, IOL = 1.0 mA
0.32
V
IIH
6
High Level Input Current
VDD_EXT = maximum, VIN = VDD_EXT maximum
10
μA
IIL
6
Low Level Input Current
VDD_EXT = maximum, VIN = 0 V
10
μA
IIL_PU
7
Low Level Input Current
Pull-Up
VDD_EXT = maximum, VIN = 0 V
200
μA
IIH_PD
8
High Level Input Current
Pull-Down
VDD_EXT = maximum, VIN = VDD_EXT maximum
200
μA
IOZH
9
Three-State Leakage Current
VDD_EXT/VDD_DDR = maximum,
VIN = VDD_EXT/VDD_DDR maximum
10
μA
IOZL
9
Three-State Leakage Current
VDD_EXT/VDD_DDR = maximum, VIN = 0 V
10
μA
CIN
10
Input Capacitance
TJ = 25°C
5
pF
IDD_IDLE
VDD_INT Current in Idle
fCCLK = 1000 MHz
ASFSHARC =0.35
fSYSCLK =500 MHz
fSCLK0 = 125 MHz
fSCLK1 = 250 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_TYP
VDD_INT Current
fCCLK = 1000 MHz
ASFSHARC =1.0
fSYSCLK =500 MHz
fSCLK0 = 125 MHz
fSCLK1 = 250 MHz
(Other clocks are disabled)
DMA data rate = 456 MB/s
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com