전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 98 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 98 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 94Page - Analog Devices ADSP-SC596 Datasheet HTML 95Page - Analog Devices ADSP-SC596 Datasheet HTML 96Page - Analog Devices ADSP-SC596 Datasheet HTML 97Page - Analog Devices ADSP-SC596 Datasheet HTML 98Page - Analog Devices ADSP-SC596 Datasheet HTML 99Page - Analog Devices ADSP-SC596 Datasheet HTML 100Page - Analog Devices ADSP-SC596 Datasheet HTML 101Page - Analog Devices ADSP-SC596 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 134 page
background image
Rev. PrD
|
Page 98 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Universal Serial Bus (USB) Timing
Table 63 provides the timing for the input and output direction for USB SDR mode.
Universal Asynchronous Receiver-Transmitter (UART) Ports—Receive and Transmit Timing
The UART ports receive and transmit operations are described in the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware
Reference.
Controller Area Network FD (CANFD) Interface
The CANFD interface timing is described in the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference.
Table 63. USB Timing SDR Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSD
Input Data Setup Time
7
ns
tHD
Input Data Hold Time
1.5
ns
tSC
Input Control Setup Time
8
ns
tHC
Input Control Hold Time
1.5
ns
Switching Characteristics
tDD
Output Data Delay
0
9
ns
tDC
Output Control Delay
0
9
ns
Figure 33. USB Timing
tHC
USBC0_CLK
tSC
tSD
tHD
tDC
tDD
CONTROL IN
(USBC0_NXT, USBC0_DIR)
DATA IN
(USBC0_DATA0 TO USBC0_DATA7)
CONTROL OUT
(USBC0_STOP)
tDC
DATA OUT
(USBC0_DATA0 TO USBC0_DATA7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com