전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 133 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 133 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 126Page - Analog Devices ADSP-SC596 Datasheet HTML 127Page - Analog Devices ADSP-SC596 Datasheet HTML 128Page - Analog Devices ADSP-SC596 Datasheet HTML 129Page - Analog Devices ADSP-SC596 Datasheet HTML 130Page - Analog Devices ADSP-SC596 Datasheet HTML 131Page - Analog Devices ADSP-SC596 Datasheet HTML 132Page - Analog Devices ADSP-SC596 Datasheet HTML 133Page - Analog Devices ADSP-SC596 Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 133 / 134 page
background image
Rev. PrD
|
Page 133 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
OUTLINE DIMENSIONS
Dimensions for the 17 mm × 17 mm 400-ball BGA_ED package in Figure 80 are shown in millimeters.
SURFACE-MOUNT DESIGN
Table 86 is provided as an aid to PCB design. For industry-standard design recommendations, refer to IPC-7351, Generic Requirements for
Surface-Mount Design and Land Pattern Standard.
Figure 80. 400-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-400-3)
Dimensions shown in millimeters
Table 86. BGA Data for Use with Surface-Mount Design
Package
Package Ball Attach Type
Package Solder Mask Opening
Package Ball Pad Size
BP-400-3
Solder Mask Defined
0.4 mm Diameter
0.5 mm Diameter
A1 BALL
CORNER
9
8
11
10
13
12
7
6
5
42
3
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
15
17
19
14
16
18
20
BOTTOM VIEW
TOP VIEW
SIDE VIEW
17.10
17.00 SQ
16.90
A1 BALL
CORNER
0.393
0.343
0.293
1.396
1.306
1.216
COPLANARITY
0.20
DETAIL A
SEATING
PLANE
DETAIL A
0.50
Ø 0.45
0.40
0.95 REF
0.80
BSC
0.90
REF
15.20 REF
SQ
10.70 REF
SQ
11.60 REF
SQ
1.750
1.649
1.599



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com