전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 102 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 102 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 98Page - Analog Devices ADSP-SC596 Datasheet HTML 99Page - Analog Devices ADSP-SC596 Datasheet HTML 100Page - Analog Devices ADSP-SC596 Datasheet HTML 101Page - Analog Devices ADSP-SC596 Datasheet HTML 102Page - Analog Devices ADSP-SC596 Datasheet HTML 103Page - Analog Devices ADSP-SC596 Datasheet HTML 104Page - Analog Devices ADSP-SC596 Datasheet HTML 105Page - Analog Devices ADSP-SC596 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
Rev. PrD
|
Page 102 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
10/100/1000 EMAC Timing (ETH0 Only)
Table 69 and Figure 39 describe the RGMII EMAC timing.
Table 69. 10/100/1000 EMAC Timing—RGMII Receive and Transmit Signals1
1 This specification is supported by ETH0 only (10/100/1000 EMAC controller).
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSETUPR
Data to Clock Input Setup at Receiver
1
ns
tHOLDR
Data to Clock Input Hold at Receiver
1
ns
tGREFCLKF
RGMII Receive Clock Period
8
ns
tGREFCLKW
RGMII Receive Clock Pulse Width
4
ns
Switching Characteristics
tSKEWT
Data to Clock Output Skew at Transmitter
–0.5
+0.5
ns
tCYC
Clock Cycle Duration
7.2
8.8
ns
tDUTY_G
Duty Cycle for RGMII Minimum
tGREFCLKF × 45%
tGREFCLKF × 55%
ns
Figure 39. Gigabit EMAC Controller Timing—RGMII
t
HOLDR
ETH_TXCLK
(AT TRANSMITTER)
ETH_TXD3–0
ETH_TXCTL_TXEN
t
SKEWT
t
DUTY_G
t
DUTY_G
t
CYC
t
GREFCLKF
t
GREFCLKW
ETH_RXCLK_REFCLK
(AT RECEIVER)
ETH_RXD3–0
ETH_RXCTL_CRS
t
SETUPR
t
GREFCLKW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com