전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 116 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 116 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 112Page - Analog Devices ADSP-SC596 Datasheet HTML 113Page - Analog Devices ADSP-SC596 Datasheet HTML 114Page - Analog Devices ADSP-SC596 Datasheet HTML 115Page - Analog Devices ADSP-SC596 Datasheet HTML 116Page - Analog Devices ADSP-SC596 Datasheet HTML 117Page - Analog Devices ADSP-SC596 Datasheet HTML 118Page - Analog Devices ADSP-SC596 Datasheet HTML 119Page - Analog Devices ADSP-SC596 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 134 page
background image
Rev. PrD
|
Page 116 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
The ac timing specifications of the 6-pin MLB interface is detailed in Table 82. Refer to the Media Local Bus Specification version 4.2 for
more details.
Figure 57. MLB Timing (3-Pin Interface)
Table 82. 6-Pin MLB Interface Specifications
All specifications are based on simulation data and are subject to change without notice.
Parameter
Conditions
Min
Typ
Max
Unit
tMT
Differential Transition Time at the Input Pin (See Figure 58)
20% to 80% VIN+/VIN–
1
ns
80% to 20% VIN+/VIN–
fMCKE
MLBCP/N External Clock Operating Frequency (See Figure 59)1
1 fMCKE (maximum) and fMCKR (maximum) include maximum cycle to cycle system jitter (tJITTER) of 600 ps for a bit error rate of 10E-9.
2048 × FS at 44.0 kHz
90.112
MHz
2048 × FS at 50.0 kHz
102.4
MHz
fMCKR
Recovered Clock Operating Frequency (Internal, Not Observable
at Pins, Only for Timing References) (See Figure 59)
2048 × FS at 44.0 kHz
90.112
MHz
2048 × FS at 50.0 kHz
102.4
MHz
tDELAY Transmitter MLBSP/N (MLBDP/N) Output Valid From Transition of
MLBCP/N (Low to High) (See Figure 60)
fMCKR = 2048 × FS
0.6
5
ns
tPHZ
Disable Turnaround Time From Transition of MLBCP/N (Low to High)
(See Figure 61)
fMCKR = 2048 × FS
0.6
7
ns
tPLZ
Enable Turnaround Time From Transition of MLBCP/N (Low to High)
(See Figure 61)
fMCKR = 2048 × FS
0.6
11.2
ns
tSU
MLBSP/N (MLBDP/N) Valid to Transition of MLBCP/N (Low to High)
(See Figure 60)
fMCKR = 2048 × FS
1
ns
tHD
MLBSP/N (MLBDP/N) Hold From Transition of MLBCP/N (Low to High)
(See Figure 60)2
2 Receivers must latch MLBSP/N (MLBDP/N) data within tHD (minimum) of the rising edge of MLBCP/N.
0.6
ns
tMCKH
MLB_SIG/
MLB_DAT
(Rx, Input)
tMCKL
tMCKR
MLB_SIG/
MLB_DAT
(Tx, Output)
tMCFDZ
tDSMCF
MLB_CLK
tMLBCLK
VALID
tDHMCF
tMCKF
tMCDRV
VALID
tMDZH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com