전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 121 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 121 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 117Page - Analog Devices ADSP-SC596 Datasheet HTML 118Page - Analog Devices ADSP-SC596 Datasheet HTML 119Page - Analog Devices ADSP-SC596 Datasheet HTML 120Page - Analog Devices ADSP-SC596 Datasheet HTML 121Page - Analog Devices ADSP-SC596 Datasheet HTML 122Page - Analog Devices ADSP-SC596 Datasheet HTML 123Page - Analog Devices ADSP-SC596 Datasheet HTML 124Page - Analog Devices ADSP-SC596 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 134 page
background image
Rev. PrD
|
Page 121 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Pulse Density Modulation (PDM) Timing
Table 84, Figure 63, and Figure 64 provide PDM and I2S/TDM interface timing.
Table 84. PDM Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tLIS
FSYNC Setup Before BCLK
3
ns
tLIH
FSYNC Hold After BCLK
4
ns
tBIH
BCLK Pulse Width High
10
ns
tBIL
BCLK Pulse Width Low
10
ns
tSETUP
Data Setup Before PDM_CLK
12
ns
tHOLD
Data Hold After PDM_CLK
4
ns
Switching Characteristic
tSODM
SDATA Maximum Output Delay From BCLK Falling Edge
12
ns
Figure 63. Serial Port Timing
Figure 64. PDM Timing
BCLK
LRCLK
SDATA
TDM MODE
SDATA
I2S JUSTIFIED
MODE
tBIH
MSB
MSB
MSB – 1
tBIL
tLIS
tLIH
tSODM
tSODM
L
R
tHOLD
tSETUP
PDM_CLK
PDM_DAT
L
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com