전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 124 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 124 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 120Page - Analog Devices ADSP-SC596 Datasheet HTML 121Page - Analog Devices ADSP-SC596 Datasheet HTML 122Page - Analog Devices ADSP-SC596 Datasheet HTML 123Page - Analog Devices ADSP-SC596 Datasheet HTML 124Page - Analog Devices ADSP-SC596 Datasheet HTML 125Page - Analog Devices ADSP-SC596 Datasheet HTML 126Page - Analog Devices ADSP-SC596 Datasheet HTML 127Page - Analog Devices ADSP-SC596 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 124 of 134
|
May 2022
TEST CONDITIONS
All timing parameters appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 72
shows the measurement point for ac measurements (except out-
put enable/disable). The measurement point, VMEAS, is
VDD_EXT/2 for VDD_EXT (nominal) = 3.3 V.
Output Enable Time Measurement
Output pins are considered enabled when they make a transi-
tion from a high impedance state to the point when they start
driving.
The output enable time, tENA, is the interval from the point
when a reference signal reaches a high or low voltage level to the
point when the output starts driving, as shown on the right side
of Figure 73. If multiple pins are enabled, the measurement
value is that of the first pin to start driving.
Output Disable Time Measurement
Output pins are considered disabled when they stop driving,
enter a high impedance state, and start to decay from the output
high or low voltage. The output disable time, tDIS, is the interval
from when a reference signal reaches a high or low voltage level
to the point when the output stops driving, as shown on the left
side of Figure 73).
Capacitive Loading
Output delays and holds are based on standard capacitive loads
of an average of 6 pF on all pins (see Figure 74). VLOAD is equal
to VDD_EXT/2. Figure 75 through Figure 78 show how output
rise time varies with capacitance. The delay and hold specifica-
tions given must be derated by a factor derived from these
figures. The graphs in Figure 75 through Figure 78 cannot be
linear outside the ranges shown.
Figure 71. Driver Type B and Driver Type C (DDR3L Drive Strength 100 Ω)
Figure 72. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
–14
–12
–10
–8
–6
–4
–2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SOURCE VOLTAGE (V)
VOL
VDD = 1.418V AT –40°C
VDD = 1.350V AT +25°C
VDD = 1.285V AT +125°C
INPUT
OR
OUTPUT
VMEAS
VMEAS
Figure 73. Output Enable/Disable
Figure 74. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA
T1
ZO = 50
(impedance)
TD = 4.04
1.18 ns
2pF
TESTER PIN ELECTRONICS
50
0.5pF
70
400
45
4pF
NOTES:
THE WORST-CASE TRANSMISSION LINE DELAY IS SHOWN AND CAN BE USED
FOR THE OUTPUT TIMING ANALYSIS TO REFLECT THE TRANSMISSION LINE
EFFECT AND MUST BE CONSIDERED. THE TRANSMISSION LINE (TD) IS FOR
LOAD ONLY AND DOES NOT AFFECT THE DATA SHEET TIMING SPECIFICATIONS.
ANALOG DEVICES RECOMMENDS USING THE IBIS MODEL TIMING FOR A GIVEN
SYSTEM REQUIREMENT. IF NECESSARY, THE SYSTEM CAN INCORPORATE
EXTERNAL DRIVERS TO COMPENSATE FOR ANY TIMING DIFFERENCES.
VLOAD
DUT
OUTPUT
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com