전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 123 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 123 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 119Page - Analog Devices ADSP-SC596 Datasheet HTML 120Page - Analog Devices ADSP-SC596 Datasheet HTML 121Page - Analog Devices ADSP-SC596 Datasheet HTML 122Page - Analog Devices ADSP-SC596 Datasheet HTML 123Page - Analog Devices ADSP-SC596 Datasheet HTML 124Page - Analog Devices ADSP-SC596 Datasheet HTML 125Page - Analog Devices ADSP-SC596 Datasheet HTML 126Page - Analog Devices ADSP-SC596 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 123 of 134
|
May 2022
OUTPUT DRIVE CURRENTS
Figure 66 through Figure 71 show typical current voltage char-
acteristics for the output drivers of the ADSP-SC595/SC596/
SC598 processors. The curves represent the current drive capa-
bility of the output drivers as a function of output voltage.
Figure 66. Driver Type A Current for All Pins Operating
at Less Than or Equal to 62.5 MHz (3.3 V VDD_EXT)
Figure 67. Driver Type A Current for All Pins Operating Above
62.5 MHz and Less Than or Equal to125 MHz (3.3 V VDD_EXT)
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SOURCE VOLTAGE (V)
VDD = 3.47V AT –40°C
VDD = 3.30V AT +25°C
VDD = 3.13V AT +125°C
VOH
VOL
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
VOH
2.5
3.0
3.5
4.0
SOURCE VOLTAGE (V)
VDD = 3.47V AT –40°C
VDD = 3.30V AT +25°C
VDD = 3.13V AT +125°C
VOL
Figure 68. Driver Type B and Driver Type C (DDR3 Drive Strength 100 Ω)
Figure 69. Driver Type B and Driver Type C (DDR3 Drive Strength 100 Ω)
Figure 70. Driver Type B and Driver Type C (DDR3L Drive Strength100 Ω)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
SOURCE VOLTAGE (V)
VOH
VDD = 1.575V AT –40°C
VDD = 1.500V AT +25°C
VDD = 1.425V AT +125°C
–16
–14
–12
–10
–8
–6
–4
–2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
SOURCE VOLTAGE (V)
VOL
VDD = 1.575V AT –40°C
VDD = 1.500V AT +25°C
VDD = 1.425V AT +125°C
0
2
4
6
8
10
12
14
16
18
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SOURCE VOLTAGE (V)
VOH
VDD = 1.418V AT –40°C
VDD = 1.350V AT +25°C
VDD = 1.285V AT +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com