전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC596 데이터시트(PDF) 108 Page - Analog Devices

부품명 ADSP-SC596
상세설명  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 데이터시트(HTML) 108 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 104Page - Analog Devices ADSP-SC596 Datasheet HTML 105Page - Analog Devices ADSP-SC596 Datasheet HTML 106Page - Analog Devices ADSP-SC596 Datasheet HTML 107Page - Analog Devices ADSP-SC596 Datasheet HTML 108Page - Analog Devices ADSP-SC596 Datasheet HTML 109Page - Analog Devices ADSP-SC596 Datasheet HTML 110Page - Analog Devices ADSP-SC596 Datasheet HTML 111Page - Analog Devices ADSP-SC596 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 134 page
background image
Rev. PrD
|
Page 108 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Extended Mobile Storage Interface (eMSI) Controller Timing—eMMC SDR Mode
Table Table 72 and Figure 49 show I/O timing related to the eMSI.
Table 72. eMSI Controller Timing—eMMC SDR Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tWL
CLK Low Time
0.45 × tP
0.55 × tP
ns
tWH
CLK High Time
0.45 × tP
0.55 × tP
ns
fP
Clock Frequency Data Transfer Mode1
1 tP = 1/fP
50
MHz
tPP
Period
tP – 0.8
ns
tISU
Input Data Setup Time
5.8
ns
tIH
Input Data Hold Time
2.5
ns
tISU
Input Command Setup Time
5.8
ns
tIH
Input Command Hold Time
2.5
ns
Switching Characteristics
tODLY
Output Data Delay
16.5
ns
tOH
Output Data Delay
3.5
ns
tODLY
Output Command Delay
16.5
ns
tOH
Output Command Delay
3.5
ns
Figure 49. eMSI Controller Timing with eMMC SDR Mode
tIH
DATA
tWH
tWL
tPP
CLK
INPUT
OUTPUT
DATA
tISU
tOH
tODLY
INVALID
DATA
INVALID
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com