전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 14 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 14 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 10Page - ABB 2CMA167166R1000 Datasheet HTML 11Page - ABB 2CMA167166R1000 Datasheet HTML 12Page - ABB 2CMA167166R1000 Datasheet HTML 13Page - ABB 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB 2CMA167166R1000 Datasheet HTML 17Page - ABB 2CMA167166R1000 Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14 Industrial plugs and sockets | 2CMC700014C0008
Plugs
16 A, IP44 Splashproof
Plastic enclosure (PA)
Cable entry with compression gland. Cable area 1-2.5 mm2
63 A, IP44 Splashproof
Plastic enclosure (PBT)
Cable entry with membrane. Cable area 4-16 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
n Grey
AC
216-P1 *
2CMA193535R1000
10
0.11
3
n
Yellow
100-130
50 and 60
216-P4 *
2CMA193500R1000
10
0.11
3
n Blue
200-250
50 and 60
216-P6 *
2CMA193501R1000
10
0.11
3
n Red
380-415
50 and 60
216-P9 *
2CMA193502R1000
10
0.11
3
n Grey
transf
50 and 60
216-P12 *
2CMA193503R1000
10
0.11
3P+E
4
n
Yellow
100-130
50 and 60
316-P4 *
2CMA193504R1000
10
0.16
4
n Black
600-690
50 and 60
316-P5 *
2CMA193505R1000
10
0.16
4
n Red
380-415
50 and 60
316-P6 *
2CMA193506R1000
10
0.16
4
n Black
480-500
50 and 60
316-P7 *
2CMA193507R1000
10
0.16
4
n Blue
200-250
50 and 60
316-P9 *
2CMA193508R1000
10
0.16
4
n Red
440-460
60
316-P11 *
2CMA193509R1000
10
0.16
3P+N+E
5
n Grey
AC
416-P1 *
2CMA193510R1000
10
0.17
5
n Red
220/250
50/60
416-P3
2CMA193536R1000
10
0.17
5
n Red
346-415
50 and 60
416-P6 *
2CMA193511R1000
10
0.17
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
263P4
2CMA166740R1000
1
0.60
3
n Blue
200-250
50 and 60
263P6 *
2CMA166742R1000
1
0.60
3P+E
4
n Black
600-690
50 and 60
363P5
2CMA166750R1000
1
0.70
4
n Red
380-415
50 and 60
363P6 *
2CMA166752R1000
1
0.70
4
n Black
480-500
50 and 60
363P7 *
2CMA166754R1000
1
0.70
4
n Blue
200-250
50 and 60
363P9
2CMA166756R1000
1
0.70
3P+N+E
5
n Red
346-415
50 and 60
463P6 *
2CMA166764R1000
1
0.75
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84
32 A, IP44 Splashproof
Plastic enclosure (PA)
Cable entry with compression gland. Cable area 2.5-6 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232-P4 *
2CMA193512R1000
10
0.20
3
n Blue
200-250
50 and 60
232-P6 *
2CMA193513R1000
10
0.20
3P+E
4
n Red
380/440
50/60
332-P3
2CMA193537R1000
10
0.22
4
n Black
600-690
50 and 60
332-P5
2CMA193514R1000
10
0.22
4
n Red
380-415
50 and 60
332-P6 *
2CMA193515R1000
10
0.22
4
n Black
480-500
50 and 60
332-P7 *
2CMA193516R1000
10
0.22
4
n Blue
200-250
50 and 60
332-P9 *
2CMA193517R1000
10
0.22
4
n Red
440-460
60
332-P11 *
2CMA193518R1000
10
0.22
3P+N+E
5
n Red
346-415
50 and 60
432-P6 *
2CMA193519R1000
10
0.23
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com