전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 25 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 25 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 21Page - ABB 2CMA167166R1000 Datasheet HTML 22Page - ABB 2CMA167166R1000 Datasheet HTML 23Page - ABB 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 25
63 A, IP44 Splashproof
Aluminum enclosure
Cable entry 4xM40. Cable area 6-25 mm2
125 A, IP44 Splashproof
Aluminum enclosure. Long phase sleeves and pilot sleeve.
Cable entry 2xM50. Cable area 16-70 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
263MM1
2CMA168033R1000
1
2.20
3
n
Yellow
100-130
50 and 60
263MM4
2CMA168030R1000
1
2.20
3
n Blue
200-250
50 and 60
263MM6
2CMA168031R1000
1
2.20
3
n Red
380-415
50 and 60
263MM9
2CMA168032R1000
1
2.20
3P+E
4
n Grey
AC
363MM1
2CMA168040R1000
1
2.22
4
n Yellow
100-130
50 and 60
363MM4
2CMA168034R1000
1
2.22
4
n Black
600-690
50 and 60
363MM5
2CMA168035R1000
1
2.22
4
n Red
380-415
50 and 60
363MM6 *
2CMA168036R1000
1
2.22
4
n Black
480-500
50 and 60
363MM7 *
2CMA168037R1000
1
2.22
4
n Blue
200-250
50 and 60
363MM9
2CMA168038R1000
1
2.22
4
n Red
440-460
60
363MM11
2CMA168039R1000
1
2.22
3P+N+E
5
n Grey
AC
463MM1
2CMA168046R1000
1
2.35
5
n Red
346-415
50 and 60
463MM6 *
2CMA168042R1000
1
2.35
5
n Black
480-500
50 and 60
463MM7
2CMA168043R1000
1
2.35
5
n Blue
208-250
50 and 60
463MM9
2CMA168044R1000
1
2.35
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
2125MM6
2CMA168047R1000
1
7.70
3P+E
4
n Grey
AC
3125MM1
2CMA168052R1000
1
7.90
4
n Red
380-415
50 and 60
3125MM6 *
2CMA168048R1000
1
7.90
4
n Black
480-500
50 and 60
3125MM7
2CMA168049R1000
1
7.90
4
n Blue
200-250
50 and 60
3125MM9
2CMA168050R1000
1
7.90
4
n Red
440-460
60
3125MM11
2CMA168051R1000
1
7.90
3P+N+E
5
n Grey
AC
4125MM1
2CMA168056R1000
1
8.10
5
n Red
346-415
50 and 60
4125MM6 *
2CMA168053R1000
1
8.10
5
n Black
480-500
50 and 60
4125MM7
2CMA168054R1000
1
8.10
5
n Red
440-460
60
4125MM11
2CMA168055R1000
1
8.10
Switched interlocked socket outlets
Metal enclosed
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 88
*) Indicates standard product.
- The switch handle is padlockable (5-8 mm shackle).
- The switch insert can be equipped with an auxiliary contact (see page 75).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com