전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 83 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 83 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 79Page - ABB 2CMA167166R1000 Datasheet HTML 80Page - ABB 2CMA167166R1000 Datasheet HTML 81Page - ABB 2CMA167166R1000 Datasheet HTML 82Page - ABB 2CMA167166R1000 Datasheet HTML 83Page - ABB 2CMA167166R1000 Datasheet HTML 84Page - ABB 2CMA167166R1000 Datasheet HTML 85Page - ABB 2CMA167166R1000 Datasheet HTML 86Page - ABB 2CMA167166R1000 Datasheet HTML 87Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 83
Tightening guide
Products IP67
Wire sizes
16-32 A, IP44
63-125 A, IP44
16-32 A, IP67
63-125 A, IP44
Technical data
Tightening guide
Products IP44
Wire sizes
Device
Terminal
screws Nm
Internal cable
clamp screws
Nm
Assembly
screws Nm
Cable gland
torque Nm
16 A
0.8
-
1.2
4-6
32 A
1.2
-
1.2
4-6
63 A
3.5
1.5
1.2
-
Device
Cable
dimension
range mm
216
8 - 13
316
13 - 17
416
13 - 17
232
13 - 21.5
332
13 - 21.5
432
13 - 21.5
263
17 - 35
363
17 - 35
463
17 - 35
Device
Terminal
screws Nm
Internal cable
clamp screws
Nm
Assembly
screws Nm
16 A
0.8
1.2
1.2
32 A
1.2
1.2
1.2
63 A
3.5
1.5
1.2
125 A
5.6
2.0
2.0
Device
Cable
dimension
range mm
216
8 - 13
316
13 - 17
416
13 - 17
232
13 - 21.5
332
13 - 21.5
432
13 - 21.5
263
17 - 35
363
17 - 35
463
17 - 35
2125
24 - 48
3125
24 - 48
4125
24 - 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com