전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 81 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 81 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB 2CMA167166R1000 Datasheet HTML 79Page - ABB 2CMA167166R1000 Datasheet HTML 80Page - ABB 2CMA167166R1000 Datasheet HTML 81Page - ABB 2CMA167166R1000 Datasheet HTML 82Page - ABB 2CMA167166R1000 Datasheet HTML 83Page - ABB 2CMA167166R1000 Datasheet HTML 84Page - ABB 2CMA167166R1000 Datasheet HTML 85Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 81
Extra low voltage
Socket outlets
• Accessories ............page 70
• Technical data.........page 83
16 A, IP44 Splashproof
Plastic housing (PA), Flanged socket straight, 55x55 mm
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 RLV216
2CMA100973R1000 10
0,099
CUIT 216
2CMA179309R1000
2
 White 40-50 AC
50 and 60 RLV216-12
2CMA100974R1000 10
0,099
CUIT 216-12 2CMA179310R1000
2
 Grey
25 and 50 DC -
RLV216-10
2CMA100975R1000 10
0,099
CUIT 216-10 2CMA179311R1000
3P
3
 Violet 20-25 AC
50 and 60 RLV316
2CMA100976R1000 10
0,114
3
 White 40-50 AC
50 and 60 RLV316-12
2CMA100977R1000 10
0,114
3
 Green 25 and 50 AC 100-200
RLV316-4
2CMA100978R1000 10
0,114
32 A, IP44 Splashproof
Plastic housing (PA), Flanged socket straight, 55x55 mm
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 RLV232
2CMA100979R1000 10
0,099
CUIT 232
2CMA179312R1000
2
 White 40-50 AC
50 and 60 RLV232-12
2CMA100980R1000 10
0,099
CUIT 232-12 2CMA179331R1000
2
 Grey
25 and 50 DC -
RLV232-10
2CMA100981R1000 10
0,099
CUIT 232-10 2CMA179332R1000
3P
3
 Violet 20-25 AC
50 and 60 RLV332
2CMA100982R1000 10
0,114
3
 White 40-50 AC
50 and 60 RLV332-12
2CMA100983R1000 10
0,114
3
 Green 25 and 50 AC 100-200
RLV332-4
2CMA100984R1000 10
0,114
16 A, IP44 Splashproof
Plastic housing (PA), threaded cable entry M25
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 RSLV216
2CMA100985R1000 10
0,198
CUGT 216
2CMA179298R1000
2
 White 40-50 AC
50 and 60 RSLV216-12 2CMA100986R1000 10
0,198
CUGT 216-12 2CMA179299R1000
2
 Grey
25 and 50 DC -
RSLV216-10 2CMA100987R1000 10
0,198
CUGT 216-10 2CMA179300R1000
3P
3
 Violet 20-25 AC
50 and 60 RSLV316
2CMA100988R1000 10
0,215
CUGT 316
2CMA179301R1000
3
 White 40-50 AC
50 and 60 RSLV316-12 2CMA100989R1000 10
0,215
CUGT 316-12 2CMA179302R1000
3
 Green 25 and 50 AC 100-200
RSLV316-4
2CMA100990R1000 10
0,215
CUGT 316-4 2CMA179303R1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com