전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 30 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 30 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB 2CMA167166R1000 Datasheet HTML 31Page - ABB 2CMA167166R1000 Datasheet HTML 32Page - ABB 2CMA167166R1000 Datasheet HTML 33Page - ABB 2CMA167166R1000 Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
30 Industrial plugs and sockets | 2CMC700014C0008
Switched interlocked socket outlets
Vertical
- The switch insert can be equipped with
an auxiliary contact (see page 75).
- The switch handle is padlockable.
(5-8 mm shackle).
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 87
16 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm. Cable area 1.5-4 mm2
32 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216MVS1W
2CMA167827R1000
1
0.63
3
n
Yellow
100-130
50 and 60
216MVS4W
2CMA167823R1000
1
0.63
3
n Blue
200-250
50 and 60
216MVS6W *
2CMA167824R1000
1
0.63
3
n Red
380-415
50 and 60
216MVS9W
2CMA167825R1000
1
0.63
3
n Grey
transf
50 and 60
216MVS12W
2CMA167826R1000
1
0.63
3P+E
4
n Grey
AC
316MVS1W
2CMA167838R1000
1
0.67
4
n Green
>50
>300-500
316MVS2W
2CMA167828R1000
1
0.67
4
n Red
380/440
50/60
316MVS3W
2CMA167829R1000
1
0.67
4
n Yellow
100-130
50 and 60
316MVS4W
2CMA167830R1000
1
0.67
4
n Black
600-690
50 and 60
316MVS5W
2CMA167831R1000
1
0.67
4
n Red
380-415
50 and 60
316MVS6W *
2CMA167832R1000
1
0.67
4
n Black
480-500
50 and 60
316MVS7W
2CMA167833R1000
1
0.67
4
n Blue
200-250
50 and 60
316MVS9W
2CMA167834R1000
1
0.67
4
n Green
>50
100-300
316MVS10W
2CMA167835R1000
1
0.67
4
n Red
440-460
60
316MVS11W
2CMA167836R1000
1
0.67
3P+N+E
5
n Grey
AC
416MVS1W
2CMA167846R1000
1
0.70
5
n Green
>50
>300-500
416MVS2W
2CMA167839R1000
1
0.70
5
n Red
380/440
50/60
416MVS3W
2CMA167840R1000
1
0.70
5
n Yellow
100-130
50 and 60
416MVS4W
2CMA167841R1000
1
0.70
5
n Red
346-415
50 and 60
416MVS6W *
2CMA167842R1000
1
0.70
5
n Black
480-500
50 and 60
416MVS7W
2CMA167843R1000
1
0.70
5
n Blue
208-250
50 and 60
416MVS9W
2CMA167844R1000
1
0.70
5
n Red
440-460
60
416MVS11W
2CMA167845R1000
1
0.70
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232MVS1W
2CMA167874R1000
1
0.69
3
n
Yellow
100-130
50 and 60
232MVS4W
2CMA167870R1000
1
0.69
3
n Blue
200-250
50 and 60
232MVS6W
2CMA167871R1000
1
0.69
3
n Red
380-415
50 and 60
232MVS9W
2CMA167872R1000
1
0.69
3
n Grey
transf
50 and 60
232MVS12W
2CMA167873R1000
1
0.69
3P+E
4
n Grey
AC
332MVS1W
2CMA167884R1000
1
0.72
4
n Green
>50
>300-500
332MVS2W
2CMA167875R1000
1
0.72
4
n Red
380/440
50/60
332MVS3W
2CMA167876R1000
1
0.72
4
n Yellow
100-130
50 and 60
332MVS4W
2CMA167877R1000
1
0.72
4
n Black
600-690
50 and 60
332MVS5W
2CMA167878R1000
1
0.72
4
n Red
380-415
50 and 60
332MVS6W
2CMA167879R1000
1
0.72
4
n Black
480-500
50 and 60
332MVS7W
2CMA167880R1000
1
0.72
4
n Blue
200-250
50 and 60
332MVS9W
2CMA167881R1000
1
0.72
4
n Green
>50
100-300
332MVS10W
2CMA167882R1000
1
0.72
4
n Red
440-460
60
332MVS11W
2CMA167883R1000
1
0.72
3P+N+E
5
n Grey
AC
432MVS1W
2CMA167892R1000
1
0.76
5
n Green
>50
>300-500
432MVS2W
2CMA167885R1000
1
0.76
5
n Red
380/440
50/60
432MVS3W
2CMA167886R1000
1
0.76
5
n Yellow
100-130
50 and 60
432MVS4W
2CMA167887R1000
1
0.76
5
n Red
346-415
50 and 60
432MVS6W
2CMA167888R1000
1
0.76
5
n Black
480-500
50 and 60
432MVS7W
2CMA167889R1000
1
0.76
5
n Blue
208-250
50 and 60
432MVS9W
2CMA167890R1000
1
0.76
5
n Red
440-460
60
432MVS11W
2CMA167891R1000
1
0.76
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com