전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 31 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 31 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB 2CMA167166R1000 Datasheet HTML 31Page - ABB 2CMA167166R1000 Datasheet HTML 32Page - ABB 2CMA167166R1000 Datasheet HTML 33Page - ABB 2CMA167166R1000 Datasheet HTML 34Page - ABB 2CMA167166R1000 Datasheet HTML 35Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 31
Switched interlocked socket outlets
With protection
16 A, IP67 Watertight
Plastic enclosure (PBT). Contains MCB series S201/S203 characteristic C.
Cable entry with knock-outs 2xØ 25 mm. Cable area 1.5 - 10 mm2
32 A, IP67 Watertight
Plastic enclosure (PBT). Contains MCB series S201/S203 characteristic C.
Cable entry with knock-outs 2xØ 25 mm. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
216MPM4W
2CMA167948R1000
1
1.74
3
n Blue
200-250
50 and 60
216MPM6W
2CMA167949R1000
1
1.74
3
n Red
380-415
50 and 60
216MPM9W
2CMA167950R1000
1
1.74
3
n Grey
transf
50 and 60
216MPM12W 2CMA167951R1000
1
1.74
3P+E
4
n Green
>50
>300-500
316MPM2W
2CMA167953R1000
1
1.77
4
n Red
380/440
50/60
316MPM3W
2CMA167954R1000
1
1.77
4
n Yellow
100-130
50 and 60
316MPM4W
2CMA167955R1000
1
1.77
4
n Black
600-690
50 and 60
316MPM5W
2CMA167956R1000
1
1.77
4
n Red
380-415
50 and 60
316MPM6W
2CMA167957R1000
1
1.77
4
n Black
480-500
50 and 60
316MPM7W
2CMA167958R1000
1
1.77
4
n Blue
200-250
50 and 60
316MPM9W
2CMA167959R1000
1
1.77
4
n Green
>50
100-300
316MPM10W 2CMA167960R1000
1
1.77
4
n Red
440-460
60
316MPM11W 2CMA167961R1000
1
1.77
3P+N+E
5
n Green
>50
>300-500
416MPM2W
2CMA167963R1000
1
1.79
5
n Red
380/440
50/60
416MPM3W
2CMA167964R1000
1
1.79
5
n Yellow
100-130
50 and 60
416MPM4W
2CMA167965R1000
1
1.79
5
n Red
346-415
50 and 60
416MPM6W
2CMA167966R1000
1
1.79
5
n Black
480-500
50 and 60
416MPM7W
2CMA167967R1000
1
1.79
5
n Blue
208-250
50 and 60
416MPM9W
2CMA167968R1000
1
1.79
5
n Red
440-460
60
416MPM11W
2CMA167969R1000
1
1.79
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232MPM4W
2CMA168007R1000
1
1.80
3
n Blue
200-250
50 and 60
232MPM6W
2CMA168008R1000
1
1.80
3
n Red
380-415
50 and 60
232MPM9W
2CMA168009R1000
1
1.80
3
n Grey
transf
50 and 60
232MPM12W
2CMA168010R1000
1
1.80
3P+E
4
n Green
>50
>300-500
332MPM2W
2CMA168012R1000
1
1.81
4
n Red
380/440
50/60
332MPM3W
2CMA168013R1000
1
1.81
4
n Yellow
100-130
50 and 60
332MPM4W
2CMA168014R1000
1
1.81
4
n Black
600-690
50 and 60
332MPM5W
2CMA168015R1000
1
1.81
4
n Red
380-415
50 and 60
332MPM6W
2CMA168016R1000
1
1.81
4
n Black
480-500
50 and 60
332MPM7W
2CMA168017R1000
1
1.81
4
n Blue
200-250
50 and 60
332MPM9W
2CMA168018R1000
1
1.81
4
n Green
>50
100-300
332MPM10W
2CMA168019R1000
1
1.81
4
n Red
440-460
60
332MPM11W
2CMA168020R1000
1
1.81
3P+N+E
5
n Green
>50
>300-500
432MPM2W
2CMA168022R1000
1
1.83
5
n Red
380/440
50/60
432MPM3W
2CMA168023R1000
1
1.83
5
n Yellow
100-130
50 and 60
432MPM4W
2CMA168024R1000
1
1.83
5
n Red
346-415
50 and 60
432MPM6W
2CMA168025R1000
1
1.83
5
n Black
480-500
50 and 60
432MPM7W
2CMA168026R1000
1
1.83
5
n Blue
208-250
50 and 60
432MPM9W
2CMA168027R1000
1
1.83
5
n Red
440-460
60
432MPM11W
2CMA168028R1000
1
1.83
- The switch insert can be equipped with an auxiliary contact (see page 75).
- The switch handle is padlockable (5-8 mm shackle).
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com