전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 11 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 11 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB 2CMA167166R1000 Datasheet HTML 10Page - ABB 2CMA167166R1000 Datasheet HTML 11Page - ABB 2CMA167166R1000 Datasheet HTML 12Page - ABB 2CMA167166R1000 Datasheet HTML 13Page - ABB 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 11
Plugs and connectors
Plug 16 A, IP44 Splashproof
Enclosure in plastic (PA).
Cable entry with compression gland. Cable area 1-2.5 mm2
Terminals/ Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
216-P6B
2CMA100549R1000
10
0.11
3
380-415
50 and 60
216-P9B
2CMA101044R1000
10
0.11
3P+E
4
380-415
50 and 60
316-P6B
2CMA100550R1000
10
0.16
3P+N+E
5
346-415
50 and 60
416-P6B
2CMA100551R1000
10
0.17
5
208-250
50 and 60
416-P9B
2CMA101045R1000
10
0.17
Plug 32 A, IP44 Splashproof
Enclosure in plastic (PA).
Cable entry with compression gland. Cable area 2.5-6 mm2
Terminals/ Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
232-P6B
2CMA100552R1000
10
0.20
3
380-415
50 and 60
232-P9B
2CMA101046R1000
10
0.20
3P+E
4
380-415
50 and 60
332-P6B
2CMA100553R1000
10
0.22
3P+N+E
5
346-415
50 and 60
432-P6B
2CMA100554R1000
10
0.23
5
208-250
50 and 60
432-P9B
2CMA101047R1000
10
0.23
Connector 16 A, IP44 Splashproof
Enclosure in plastic (PA).
Cable entry with compression gland. Cable area 1-2.5 mm2
Terminals/ Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
216-C6B
2CMA100561R1000
10
0.16
3
380-415
50 and 60
216-C9B
2CMA101040R1000
10
0.16
3P+E
4
380-415
50 and 60
316-C6B
2CMA100562R1000
10
0.21
3P+N+E
5
346-415
50 and 60
416-C6B
2CMA100563R1000
10
0.23
5
208-250
50 and 60
416-C9B
2CMA101041R1000
10
0.23
Connector 32 A, IP44 Splashproof
Enclosure in plastic (PA).
Cable entry with compression gland. Cable area 2.5-6 mm2
Terminals/ Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
232-C6B
2CMA100564R1000
10
0.26
3
380-415
50 and 60
232-C9B
2CMA101042R1000
10
0.26
3P+E
4
380-415
50 and 60
332-C6B
2CMA100565R1000
10
0.27
3P+N+E
5
346-415
50 and 60
432-C6B
2CMA100566R1000
10
0.30
5
208-250
50 and 60
432-C9B
2CMA101043R1000
10
0.30
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com