전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 36 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 36 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 32Page - ABB 2CMA167166R1000 Datasheet HTML 33Page - ABB 2CMA167166R1000 Datasheet HTML 34Page - ABB 2CMA167166R1000 Datasheet HTML 35Page - ABB 2CMA167166R1000 Datasheet HTML 36Page - ABB 2CMA167166R1000 Datasheet HTML 37Page - ABB 2CMA167166R1000 Datasheet HTML 38Page - ABB 2CMA167166R1000 Datasheet HTML 39Page - ABB 2CMA167166R1000 Datasheet HTML 40Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
36 Industrial plugs and sockets | 2CMC700014C0008
Surface socket outlets
Plastic enclosed
16 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry Ø 25 mm. Cable area 1.5-4 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
>50-250
DC
216RS3W
2CMA167147R1000
1
0.34
3
n
Yellow
100-130
50 and 60
216RS4W
2CMA167148R1000
1
0.34
3
n Blue
200-250
50 and 60
216RS6W *
2CMA167149R1000
1
0.34
3
n Red
380-415
50 and 60
216RS9W
2CMA167150R1000
1
0.34
3
n Grey
transf
50 and 60
216RS12W
2CMA167151R1000
1
0.34
3
n Grey
AC
216RS1W
2CMA167152R1000
1
0.34
3P+E
4
n Green
>50
>300-500
316RS2W
2CMA167153R1000
1
0.37
4
n Red
380/440
50/60
316RS3W
2CMA167154R1000
1
0.37
4
n Yellow
100-130
50 and 60
316RS4W
2CMA167155R1000
1
0.37
4
n Black
600-690
50 and 60
316RS5W
2CMA167156R1000
1
0.37
4
n Red
380-415
50 and 60
316RS6W *
2CMA167157R1000
1
0.37
4
n Black
480-500
50 and 60
316RS7W
2CMA167158R1000
1
0.37
4
n Blue
200-250
50 and 60
316RS9W
2CMA167159R1000
1
0.37
4
n Green
>50
100-300
316RS10W
2CMA167160R1000
1
0.37
4
n Red
440-460
60
316RS11W
2CMA167161R1000
1
0.37
4
n Grey
AC
316RS1W
2CMA167162R1000
1
0.37
3P+N+E
5
n Green
>50
>300-500
416RS2W
2CMA167163R1000
1
0.40
5
n Red
380/440
50/60
416RS3W
2CMA167164R1000
1
0.40
5
n Yellow
100-130
50 and 60
416RS4W
2CMA167165R1000
1
0.40
5
n Red
346-415
50 and 60
416RS6W *
2CMA167166R1000
1
0.40
5
n Black
480-500
50 and 60
416RS7W
2CMA167167R1000
1
0.40
5
n Blue
208-250
50 and 60
416RS9W
2CMA167168R1000
1
0.40
5
n Red
440-460
60
416RS11W
2CMA167169R1000
1
0.40
5
n Grey
AC
416RS1W
2CMA167170R1000
1
0.40
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232RS4W
2CMA167171R1000
1
0.41
3
n Blue
200-250
50 and 60
232RS6W *
2CMA167172R1000
1
0.41
3
n Red
380-415
50 and 60
232RS9W
2CMA167173R1000
1
0.41
3
n Grey
transf
50 and 60
232RS12W
2CMA167174R1000
1
0.41
3
n Grey
AC
232RS1W
2CMA167175R1000
1
0.41
3P+E
4
n Green
>50
>300-500
332RS2W
2CMA167176R1000
1
0.43
4
n Red
380/440
50/60
332RS3W
2CMA167177R1000
1
0.43
4
n Yellow
100-130
50 and 60
332RS4W
2CMA167178R1000
1
0.43
4
n Black
600-690
50 and 60
332RS5W
2CMA167179R1000
1
0.43
4
n Red
380-415
50 and 60
332RS6W *
2CMA167180R1000
1
0.43
4
n Black
480-500
50 and 60
332RS7W
2CMA167181R1000
1
0.43
4
n Blue
200-250
50 and 60
332RS9W
2CMA167182R1000
1
0.43
4
n Green
>50
100-300
332RS10W
2CMA167183R1000
1
0.43
4
n Red
440-460
60
332RS11W
2CMA167184R1000
1
0.43
4
n Grey
AC
332RS1W
2CMA167185R1000
1
0.43
3P+N+E
5
n Green
>50
>300-500
432RS2W
2CMA167186R1000
1
0.48
5
n Red
380/440
50/60
432RS3W
2CMA167187R1000
1
0.48
5
n Yellow
100-130
50 and 60
432RS4W
2CMA167188R1000
1
0.48
5
n Red
346-415
50 and 60
432RS6W *
2CMA167189R1000
1
0.48
5
n Black
480-500
50 and 60
432RS7W
2CMA167190R1000
1
0.48
5
n Blue
208-250
50 and 60
432RS9W
2CMA167191R1000
1
0.48
5
n Red
440-460
60
432RS11W
2CMA167192R1000
1
0.48
5
n Grey
AC
432RS1W
2CMA167193R1000
1
0.48
32 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry Ø 25 mm. Cable area 2.5-10 mm2
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 85
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com