전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 26 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 26 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 22Page - ABB 2CMA167166R1000 Datasheet HTML 23Page - ABB 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
26 Industrial plugs and sockets | 2CMC700014C0008
Switched interlocked socket outlets
Horizontal
16 A, IP44 Splashproof
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm/M25. Cable area 1.5-4 mm2
32 A, IP44 Splashproof
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm/M25. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
216MHS4
2CMA167622R1000
1
0.55
3
n Blue
200-250
50 and 60
216MHS6 *
2CMA167623R1000
1
0.55
3P+E
4
n Yellow
100-130
50 and 60
316MHS4
2CMA167629R1000
1
0.58
4
n Black
600-690
50 and 60
316MHS5
2CMA167630R1000
1
0.58
4
n Red
380-415
50 and 60
316MHS6 *
2CMA167631R1000
1
0.58
4
n Black
480-500
50 and 60
316MHS7
2CMA167632R1000
1
0.58
4
n Blue
200-250
50 and 60
316MHS9
2CMA167633R1000
1
0.58
4
n Red
440-460
60
316MHS11
2CMA167635R1000
1
0.58
3P+N+E
5
n Red
346-415
50 and 60
416MHS6 *
2CMA167640R1000
1
0.61
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232MHS4
2CMA167668R1000
1
0.60
3
n Blue
200-250
50 and 60
232MHS6 *
2CMA167669R1000
1
0.60
3P+E
4
n Black
600-690
50 and 60
332MHS5
2CMA167676R1000
1
0.63
4
n Red
380-415
50 and 60
332MHS6 *
2CMA167677R1000
1
0.63
4
n Black
480-500
50 and 60
332MHS7
2CMA167678R1000
1
0.63
4
n Blue
200-250
50 and 60
332MHS9
2CMA167679R1000
1
0.63
3P+N+E
5
n Red
346-415
50 and 60
432MHS6 *
2CMA167686R1000
1
0.66
63 A, IP44 Splashproof
Plastic enclosure (PBT)
Cable entry with knock-outs x Ø 32 mm. Cable area 6-25 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
263MHS4
2CMA167714R1000
1
2.00
3
n Blue
200-250
50 and 60
263MHS6
2CMA167715R1000
1
2.00
3P+E
4
n Black
600-690
50 and 60
363MHS5
2CMA167719R1000
1
2.00
4
n Red
380-415
50 and 60
363MHS6 *
2CMA167721R1000
1
2.00
4
n Black
480-500
50 and 60
363MHS7
2CMA167722R1000
1
2.00
4
n Blue
200-250
50 and 60
363MHS9
2CMA167723R1000
1
2.00
3P+N+E
5
n Red
346-415
50 and 60
463MHS6 *
2CMA167727R1000
1
2.10
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 86
*) Indicates standard product.
- The switch insert can be equipped with an auxiliary contact (see page 75).
- The switch handle is padlockable (5-8 mm shackle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com