전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 80 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 80 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB 2CMA167166R1000 Datasheet HTML 79Page - ABB 2CMA167166R1000 Datasheet HTML 80Page - ABB 2CMA167166R1000 Datasheet HTML 81Page - ABB 2CMA167166R1000 Datasheet HTML 82Page - ABB 2CMA167166R1000 Datasheet HTML 83Page - ABB 2CMA167166R1000 Datasheet HTML 84Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
80 Industrial plugs and sockets | 2CMC700014C0008
Extra low voltage
Connectors
• Accessories ............page 70
• Technical data.........page 83
16 A, IP44 Splashproof
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet
20-25 AC
50 and 60
CLV216
2CMA100901R1000 10
0,177
CST 216
2CMA179288R1000
2
 White
40-50 AC
50 and 60
CLV216-12
2CMA100902R1000 10
0,177
CST 216-12 2CMA179289R1000
2
 Grey
25 and 50 DC -
CLV216-10
2CMA100903R1000 10
0,177
CST 216-10 2CMA179290R1000
3P
3
 Violet
20-25 AC
50 and 60
CLV316
2CMA100904R1000 10
0,198
CST 316
2CMA179291R1000
3
 White
40-50 AC
50 and 60
CLV316-12
2CMA100905R1000 10
0,198
CST 316-12 2CMA179292R1000
3
 Green
25 and 50 AC 100-200
CLV316-4
2CMA100906R1000 10
0,198
CST 316-4
2CMA179293R1000
32 A, IP44 Splashproof
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet
20-25 AC
50 and 60
CLV232
2CMA100907R1000 10
0,178
CST 232
2CMA179297R1000
2
 White
40-50 AC
50 and 60
CLV232-12
2CMA100908R1000 10
0,178
CST 232-12 2CMA179306R1000
2
 Grey
25 and 50 DC -
CLV232-10
2CMA100909R1000 10
0,178
CST 232-10 2CMA179295R1000
3P
3
 Violet
20-25 AC
50 and 60
CLV332
2CMA100910R1000 10
0,198
CST 332
2CMA179307R1000
3
 White
40-50 AC
50 and 60
CLV332-12
2CMA100911R1000 10
0,198
CST 332-12 2CMA179328R1000
3
 Green
25 and 50 AC 100-200
CLV332-4
2CMA100912R1000 10
0,198
CST 332-4
2CMA179329R1000
16 A, IP67 Watertight
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet
20-25 AC
50 and 60
CLV216W
2CMA100913R1000 10
0,199
2
 White
40-50 AC
50 and 60
CLV216-12W
2CMA100914R1000 10
0,199
2
 Grey
25 and 50 DC -
CLV216-10W
2CMA100915R1000 10
0,199
3P
3
 Violet
20-25 AC
50 and 60
CLV316W
2CMA100916R1000 10
0,219
3
 White
40-50 AC
50 and 60
CLV316-12W
2CMA100917R1000 10
0,219
3
 Green
25 and 50 AC 100-200
CLV316-4W
2CMA100918R1000 10
0,219
32 A, IP67 Watertight
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet
20-25 AC
50 and 60
CLV232W
2CMA100919R1000 10
0,199
2
 White
40-50 AC
50 and 60
CLV232-12W
2CMA100920R1000 10
0,199
2
 Grey
25 and 50 DC -
CLV232-10W
2CMA100921R1000 10
0,199
3P
3
 Violet
20-25 AC
50 and 60
CLV332W
2CMA100922R1000 10
0,219
3
 White
40-50 AC
50 and 60
CLV332-12W
2CMA100923R1000 10
0,219
3
 Green
25 and 50 AC 100-200
CLV332-4W
2CMA100924R1000 10
0,219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com