전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 22 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 22 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 18Page - ABB 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB 2CMA167166R1000 Datasheet HTML 21Page - ABB 2CMA167166R1000 Datasheet HTML 22Page - ABB 2CMA167166R1000 Datasheet HTML 23Page - ABB 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
22 Industrial plugs and sockets | 2CMC700014C0008
Switched interlocked socket outlets
Heavy duty
- The switch handle is padlockable
(5-8 mm shackle).
- The switch insert can be equipped with
an auxiliary contact (see page 75).
16 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs
Ø 25+32 mm on top and drill marks on bottom. Cable area 1.5-4 mm2
32 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs
Ø 25+32 mm on top and drill marks on bottom. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216MVS1WH 2CMA163255R1000
1
1.75
3
n
Yellow
100-130
50 and 60
216MVS4WH 2CMA163256R1000
1
1.75
3
n Blue
200-250
50 and 60
216MVS6WH 2CMA163257R1000
1
1.75
3
n Red
380-415
50 and 60
216MVS9WH 2CMA163258R1000
1
1.75
3
n Grey
transf
50 and 60
216MVS12WH 2CMA163259R1000
1
1.75
3P+E
4
n Grey
AC
316MVS1WH 2CMA163261R1000
1
1.79
4
n Yellow
100-130
50 and 60
316MVS4WH 2CMA163262R1000
1
1.79
4
n Black
600-690
50 and 60
316MVS5WH 2CMA163263R1000
1
1.79
4
n Red
380-415
50 and 60
316MVS6WH 2CMA163264R1000
1
1.79
4
n Black
480-500
50 and 60
316MVS7WH 2CMA163265R1000
1
1.79
4
n Blue
200-250
50 and 60
316MVS9WH 2CMA163266R1000
1
1.79
4
n Green
>50
100-300
316MVS10WH 2CMA163267R1000
1
1.79
4
n Red
440-460
60
316MVS11WH 2CMA163268R1000
1
1.79
3P+N+E
5
n Grey
AC
416MVS1WH
2CMA163270R1000
1
1.83
5
n Green
>50
>300-500
416MVS2WH
2CMA163271R1000
1
1.83
5
n Red
346-415
50 and 60
416MVS6WH
2CMA163272R1000
1
1.83
5
n Blue
208-250
50 and 60
416MVS9WH
2CMA163273R1000
1
1.83
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232MVS1WH
2CMA163275R1000
1
1.87
3
n Blue
200-250
50 and 60
232MVS6WH
2CMA163276R1000
1
1.87
3P+E
4
n Grey
AC
332MVS1WH
2CMA163277R1000
1
1.91
4
n Red
380-440
50 and 60
332MVS3WH
2CMA100662R1000
1
1.91
4
n Black
600-690
50 and 60
332MVS5WH
2CMA163278R1000
1
1.91
4
n Red
380-415
50 and 60
332MVS6WH
2CMA163279R1000
1
1.91
4
n Black
480-500
50 and 60
332MVS7WH
2CMA163280R1000
1
1.91
4
n Blue
200-250
50 and 60
332MVS9WH
2CMA163281R1000
1
1.91
3P+N+E
5
n Grey
AC
432MVS1WH
2CMA163284R1000
1
1.95
5
n Red
346-415
50 and 60
432MVS6WH
2CMA163285R1000
1
1.95
5
n Black
480-500
50 and 60
432MVS7WH
2CMA163286R1000
1
1.95
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com