전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 79 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 79 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 75Page - ABB 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB 2CMA167166R1000 Datasheet HTML 79Page - ABB 2CMA167166R1000 Datasheet HTML 80Page - ABB 2CMA167166R1000 Datasheet HTML 81Page - ABB 2CMA167166R1000 Datasheet HTML 82Page - ABB 2CMA167166R1000 Datasheet HTML 83Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 79
16 A, IP44 Splashproof
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 PLV216
2CMA100877R1000 10
0,142
CPT 216
2CMA179277R1000
2
 White 40-50 AC
50 and 60 PLV216-12 2CMA100878R1000 10
0,142
CPT 216-12 2CMA179278R1000
2
 Grey
25 and 50 DC -
PLV216-10 2CMA100879R1000 10
0,142
CPT 216-10 2CMA179279R1000
3P
3
 Violet 20-25 AC
50 and 60 PLV316
2CMA100880R1000 10
0,16
CPT 316
2CMA179279R1000
3
 White 40-50 AC
50 and 60 PLV316-12 2CMA100881R1000 10
0,16
CPT 316-12 2CMA179280R1000
3
 Green 25 and 50 AC 100-200
PLV316-4
2CMA100882R1000 10
0,16
CPT 316-4
2CMA179281R1000
32 A, IP44 Splashproof
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 PLV232
2CMA100883R1000 10
0,142
CPT 232
2CMA179283R1000
2
 White 40-50 AC
50 and 60 PLV232-12 2CMA100884R1000 10
0,142
CPT 232-12 2CMA179296R1000
2
 Grey
25 and 50 DC -
PLV232-10 2CMA100885R1000 10
0,142
CPT 232-10 2CMA179284R1000
3P
3
 Violet 20-25 AC
50 and 60 PLV332
2CMA100886R1000 10
0,16
CPT 332
2CMA179285R1000
3
 White 40-50 AC
50 and 60 PLV332-12 2CMA100887R1000 10
0,16
CPT 332-12 2CMA179286R1000
3
 Green 25 and 50 AC 100-200
PLV332-4
2CMA100888R1000 10
0,16
CPT 332-4
2CMA179287R1000
16 A, IP67 Watertight
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 PLV216W
2CMA100889R1000 10
0,164
2
 White 40-50 AC
50 and 60 PLV216-12W 2CMA100890R1000 10
0,164
2
 Grey
25 and 50 DC -
PLV216-10W 2CMA100891R1000 10
0,164
3P
3
 Violet 20-25 AC
50 and 60 PLV316W
2CMA100892R1000 10
0,182
3
 White 40-50 AC
50 and 60 PLV316-12W 2CMA100893R1000 10
0,182
3
 Green 25 and 50 AC 100-200
PLV316-4W 2CMA100894R1000 10
0,182
32 A, IP67 Watertight
Plastic housing (PA), cable entry with compression gland
Terminals/
poles
Color code Voltage
V
Frequency
Hz
New
type
New
Order code
Pack Weight
kg/ea
Replacing
type
Replacing
Order code
2P
2
 Violet 20-25 AC
50 and 60 PLV232W
2CMA100895R1000 10
0,164
2
 White 40-50 AC
50 and 60 PLV232-12W 2CMA100896R1000 10
0,164
2
 Grey
25 and 50 DC -
PLV232-10W 2CMA100897R1000 10
0,164
3P
3
 Violet 20-25 AC
50 and 60 PLV332W
2CMA100898R1000 10
0,182
3
 White 40-50 AC
50 and 60 PLV332-12W 2CMA100899R1000 10
0,182
3
 Green 25 and 50 AC 100-200
PLV332-4W 2CMA100900R1000 10
0,182
• Accessories ............page 70
• Technical data.........page 83
Extra low voltage
Plugs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com