전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 28 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 28 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB 2CMA167166R1000 Datasheet HTML 31Page - ABB 2CMA167166R1000 Datasheet HTML 32Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
28 Industrial plugs and sockets | 2CMC700014C0008
Switched interlocked socket outlets
Horizontal
63 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with knock-outs 2xØ 32 mm. Cable area 6-25 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
263MHS1W
2CMA167896R1000
1
2.00
3
n
Yellow
100-130
50 and 60
263MHS4W
2CMA167893R1000
1
2.00
3
n Blue
200-250
50 and 60
263MHS6W
2CMA167894R1000
1
2.00
3
n Red
380-415
50 and 60
263MHS9W
2CMA167895R1000
1
2.00
3P+E
4
n Grey
AC
363MHS1W
2CMA167903R1000
1
2.00
4
n Yellow
100-130
50 and 60
363MHS4W
2CMA167897R1000
1
2.00
4
n Black
600-690
50 and 60
363MHS5W
2CMA167898R1000
1
2.00
4
n Red
380-415
50 and 60
363MHS6W
2CMA167899R1000
1
2.00
4
n Black
480-500
50 and 60
363MHS7W
2CMA167900R1000
1
2.00
4
n Blue
200-250
50 and 60
363MHS9W
2CMA167901R1000
1
2.00
4
n Red
440-460
60
363MHS11W
2CMA167902R1000
1
2.00
3P+N+E
5
n Grey
AC
463MHS1W
2CMA167909R1000
1
2.10
5
n Yellow
100-130
50 and 60
463MHS4W
2CMA167904R1000
1
2.10
5
n Red
346-415
50 and 60
463MHS6W *
2CMA167905R1000
1
2.10
5
n Black
480-500
50 and 60
463MHS7W
2CMA167906R1000
1
2.10
5
n Blue
208-250
50 and 60
463MHS9W
2CMA167907R1000
1
2.10
5
n Red
440-460
60
463MHS11W
2CMA167908R1000
1
2.10
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 86
*) Indicates standard product..
- The switch insert can be equipped with an auxiliary contact (see page 75).
- The switch handle is padlockable. (5-8 mm shackle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com