전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 18 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 18 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB 2CMA167166R1000 Datasheet HTML 17Page - ABB 2CMA167166R1000 Datasheet HTML 18Page - ABB 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB 2CMA167166R1000 Datasheet HTML 21Page - ABB 2CMA167166R1000 Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
18 Industrial plugs and sockets | 2CMC700014C0008
Connectors
16 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with compression gland. Cable area 1-2.5 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216C1W
2CMA166544R1000
1
0.22
3
n Grey
>50-250
DC
216C3W
2CMA166534R1000
1
0.22
3
n
Yellow
100-130
50 and 60
216C4W
2CMA166536R1000
1
0.22
3
n Blue
200-250
50 and 60
216C6W *
2CMA166538R1000
1
0.22
3
n Red
380-415
50 and 60
216C9W
2CMA166540R1000
1
0.22
3
n Grey
transf
50 and 60
216C12W
2CMA166542R1000
1
0.22
3P+E
4
n Grey
AC
316C1W
2CMA166564R1000
1
0.31
4
n Green
>50
>300-500
316C2W
2CMA166546R1000
1
0.31
4
n Red
380/440
50/60
316C3W
2CMA166548R1000
1
0.31
4
n Yellow
100-130
50 and 60
316C4W
2CMA166550R1000
1
0.31
4
n Black
600-690
50 and 60
316C5W
2CMA166552R1000
1
0.31
4
n Red
380-415
50 and 60
316C6W *
2CMA166554R1000
1
0.31
4
n Black
480-500
50 and 60
316C7W
2CMA166556R1000
1
0.31
4
n Blue
200-250
50 and 60
316C9W
2CMA166558R1000
1
0.31
4
n Green
>50
100-300
316C10W
2CMA166560R1000
1
0.31
4
n Red
440-460
60
316C11W
2CMA166562R1000
1
0.31
3P+N+E
5
n Grey
AC
416C1W
2CMA166580R1000
1
0.32
5
n Green
>50
>300-500
416C2W
2CMA166566R1000
1
0.32
5
n Red
380/440
50/60
416C3W
2CMA166568R1000
1
0.32
5
n Yellow
100-130
50 and 60
416C4W
2CMA166570R1000
1
0.32
5
n Red
346-415
50 and 60
416C6W *
2CMA166572R1000
1
0.32
5
n Black
480-500
50 and 60
416C7W
2CMA166574R1000
1
0.32
5
n Blue
208-250
50 and 60
416C9W
2CMA166576R1000
1
0.32
5
n Red
440-460
60
416C11W
2CMA166578R1000
1
0.32
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232C1W
2CMA166590R1000
1
0.35
3
n
Yellow
100-130
50 and 60
232C4W
2CMA166582R1000
1
0.35
3
n Blue
200-250
50 and 60
232C6W *
2CMA166584R1000
1
0.35
3
n Red
380-415
50 and 60
232C9W
2CMA166586R1000
1
0.35
3
n Grey
transf
50 and 60
232C12W
2CMA166588R1000
1
0.35
3P+E
4
n Grey
AC
332C1W
2CMA166592R1000
1
0.38
4
n Green
>50
>300-500
332C2W
2CMA166596R1000
1
0.38
4
n Red
380/440
50/60
332C3W
2CMA166598R1000
1
0.38
4
n Yellow
100-130
50 and 60
332C4W
2CMA166600R1000
1
0.38
4
n Black
600-690
50 and 60
332C5W
2CMA166602R1000
1
0.38
4
n Red
380-415
50 and 60
332C6W *
2CMA166604R1000
1
0.38
4
n Black
480-500
50 and 60
332C7W
2CMA166606R1000
1
0.38
4
n Blue
200-250
50 and 60
332C9W
2CMA166608R1000
1
0.38
4
n Green
>50
100-300
332C10W
2CMA166610R1000
1
0.38
4
n Red
440-460
60
332C11W
2CMA166594R1000
1
0.38
3P+N+E
5
n Grey
AC
432C1W
2CMA166526R1000
1
0.41
5
n Green
>50
>300-500
432C2W
2CMA166612R1000
1
0.41
5
n Red
380/440
50/60
432C3W
2CMA166614R1000
1
0.41
5
n Yellow
100-130
50 and 60
432C4W
2CMA166616R1000
1
0.41
5
n Red
346-415
50 and 60
432C6W *
2CMA166618R1000
1
0.41
5
n Black
480-500
50 and 60
432C7W
2CMA166620R1000
1
0.41
5
n Blue
208-250
50 and 60
432C9W
2CMA166622R1000
1
0.41
5
n Red
440-460
60
432C11W
2CMA166624R1000
1
0.41
32 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with compression gland. Cable area 2.5-6 mm2
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com