전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 67 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 67 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 63Page - ABB 2CMA167166R1000 Datasheet HTML 64Page - ABB 2CMA167166R1000 Datasheet HTML 65Page - ABB 2CMA167166R1000 Datasheet HTML 66Page - ABB 2CMA167166R1000 Datasheet HTML 67Page - ABB 2CMA167166R1000 Datasheet HTML 68Page - ABB 2CMA167166R1000 Datasheet HTML 69Page - ABB 2CMA167166R1000 Datasheet HTML 70Page - ABB 2CMA167166R1000 Datasheet HTML 71Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 67
Modular Combi
Metal
Operating voltage 230/400 V ~
Enclosure: Aluminium with front plates of galvanised steel.
Dimensions: According to table or customer order
Outlets:
Combi Metal is designed for different types of single phase domestic
outlets and for IEC outlets up to and including 63 A. With or without
mechanical interlocked IEC outlets.
Cable entry: FL21 flange openings at top and bottom
Cable area: 2x16 mm2 Cu. Designed for looping
Covers:
For MCB/RCD, maximum 12 modules. DIN-rail in bottom for terminals and
MCB/RCDs. With a distance at the bottom to allow wiring behind the rail.
The lid is pad lockable.
For 16 A, IP44 Splashproof
Socket outlet
RCD
30 mA
MCB
Type
Order code
Weight
kg/ea
Box size WxHxD: 250x314x172
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
-
-
1P
3P
M16/1
2CMA179348R1000
3.80
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
yes
yes
1P
3P
M16/2JFB
2CMA179349R1000
4.55
Box size WxHxD: 250x574x179
4x10/16 A
IEC 60309, 1x16 A, 3P+N+E
IEC 60309, 1x32 A, 3P+N+E
-
-
-
2x1P
3P
3P
M32/1
2CMA179350R1000
6.75
4x10/16 A
IEC 60309, 1x16 A, 3P+N+E
IEC 60309, 1x32 A, 3P+N+E
yes
yes
yes
2x1P
3P
3P
M32/2JFB
2CMA179351R1000
7.35
Box size WxHxD: 250x704x188
4x10/16 A
IEC 60309, 1x16 A, 3P+N+E
IEC 60309, 1x32 A, 3P+N+E
IEC 60309, 1x63 A, 3P+N+E
-
-
-
-
2x1P
3P
3P
3P
M63/1
2CMA179352R1000
8.95
4x10/16 A
IEC 60309, 1x16 A, 3P+N+E
IEC 60309, 1x32 A, 3P+N+E
IEC 60309, 1x63 A, 3P+N+E
yes
yes
yes
yes
2x1P
3P
3P
3P
M63/2JFB
2CMA179353R1000
9.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com