전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 39 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 39 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 35Page - ABB 2CMA167166R1000 Datasheet HTML 36Page - ABB 2CMA167166R1000 Datasheet HTML 37Page - ABB 2CMA167166R1000 Datasheet HTML 38Page - ABB 2CMA167166R1000 Datasheet HTML 39Page - ABB 2CMA167166R1000 Datasheet HTML 40Page - ABB 2CMA167166R1000 Datasheet HTML 41Page - ABB 2CMA167166R1000 Datasheet HTML 42Page - ABB 2CMA167166R1000 Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 39
Surface socket outlets
For looping
16 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry knock-outs 2xØ 25 mm.
Terminal block 2x(2.5-10 mm2). Outlet is connected to terminal block.
Terminals/
poles
Color
code
Voltage V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216RL1W
2CMA168461R1000
1
0.63
3
n Grey
>50-250
DC
216RL3W
2CMA168456R1000
1
0.63
3
n
Yellow
100-130
50 and 60
216RL4W
2CMA168457R1000
1
0.63
3
n Blue
200-250
50 and 60
216RL6W
2CMA168458R1000
1
0.63
3
n Red
380-415
50 and 60
216RL9W
2CMA168459R1000
1
0.63
3
n Grey
transf
DC
216RL12W
2CMA168460R1000
1
0.63
3P+E
4
n Grey
AC
316RL1W
2CMA168471R1000
1
0.66
4
n Green
>50
>300-500
316RL2W
2CMA168462R1000
1
0.66
4
n Red
380/440
50/60
316RL3W
2CMA168463R1000
1
0.66
4
n Yellow
100-130
50 and 60
316RL4W
2CMA168464R1000
1
0.66
4
n Black
600-690
50 and 60
316RL5W
2CMA168465R1000
1
0.66
4
n Red
380-415
50 and 60
316RL6W
2CMA168466R1000
1
0.66
4
n Black
480-500
50 and 60
316RL7W
2CMA168467R1000
1
0.66
4
n Blue
200-250
50 and 60
316RL9W
2CMA168468R1000
1
0.66
4
n Green
>50
100-300
316RL10W
2CMA168469R1000
1
0.66
4
n Red
440-460
60
316RL11W
2CMA168470R1000
1
0.66
3P+N+E
5
n Grey
AC
416RL1W
2CMA168479R1000
1
0.68
5
n Green
>50
>300-500
416RL2W
2CMA168472R1000
1
0.68
5
n Red
380/440
50/60
416RL3W
2CMA168473R1000
1
0.68
5
n Yellow
100-130
50 and 60
416RL4W
2CMA168474R1000
1
0.68
5
n Red
346-415
50 and 60
416RL6W
2CMA168475R1000
1
0.68
5
n Black
480-500
50 and 60
416RL7W
2CMA168476R1000
1
0.68
5
n Blue
208-250
50 and 60
416RL9W
2CMA168477R1000
1
0.68
5
n Red
440-460
60
416RL11W
2CMA168478R1000
1
0.68
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232RL1W
2CMA168484R1000
1
0.69
3
n
Yellow
100-130
50 and 60
232RL4W
2CMA168480R1000
1
0.69
3
n Blue
200-250
50 and 60
232RL6W
2CMA168481R1000
1
0.69
3
n Red
380-415
50 and 60
232RL9W
2CMA168482R1000
1
0.69
3
n Grey
transf
50 and 60
232RL12W
2CMA168483R1000
1
0.69
3P+E
4
n Grey
AC
332RL1W
2CMA168494R1000
1
0.70
4
n Green
>50
>300-500
332RL2W
2CMA168485R1000
1
0.70
4
n Red
380/440
50/60
332RL3W
2CMA168486R1000
1
0.70
4
n Yellow
100-130
50 and 60
332RL4W
2CMA168487R1000
1
0.70
4
n Black
600-690
50 and 60
332RL5W
2CMA168488R1000
1
0.70
4
n Red
380-415
50 and 60
332RL6W
2CMA168489R1000
1
0.70
4
n Black
480-500
50 and 60
332RL7W
2CMA168490R1000
1
0.70
4
n Blue
200-250
50 and 60
332RL9W
2CMA168491R1000
1
0.70
4
n Green
>50
100-300
332RL10W
2CMA168492R1000
1
0.70
4
n Red
440-460
60
332RL11W
2CMA168493R1000
1
0.70
3P+N+E
5
n Grey
AC
432RL1W
2CMA168502R1000
1
0.72
5
n Green
>50
>300-500
432RL2W
2CMA168495R1000
1
0.72
5
n Red
380/440
50/60
432RL3W
2CMA168496R1000
1
0.72
5
n Yellow
100-130
50 and 60
432RL4W
2CMA168497R1000
1
0.72
5
n Red
346-415
50 and 60
432RL6W *
2CMA168498R1000
1
0.72
5
n Black
480-500
50 and 60
432RL7W
2CMA168499R1000
1
0.72
5
n Blue
208-250
50 and 60
432RL9W
2CMA168500R1000
1
0.72
5
n Red
440-460
60
432RL11W
2CMA168501R1000
1
0.72
32 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry knock-outs 2xØ 25 mm.
Terminal block 2x(2.5-10 mm2). Outlet is connected to terminal block.
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 85
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com