전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 45 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 45 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 41Page - ABB 2CMA167166R1000 Datasheet HTML 42Page - ABB 2CMA167166R1000 Datasheet HTML 43Page - ABB 2CMA167166R1000 Datasheet HTML 44Page - ABB 2CMA167166R1000 Datasheet HTML 45Page - ABB 2CMA167166R1000 Datasheet HTML 46Page - ABB 2CMA167166R1000 Datasheet HTML 47Page - ABB 2CMA167166R1000 Datasheet HTML 48Page - ABB 2CMA167166R1000 Datasheet HTML 49Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 45
Surface socket outlets
Prepared for protection
16 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs 2xØ 25 mm.
Cable area 1.5-10 mm2. Delivered without MCB/RCD. Space for 4 modules.
32 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs 2xØ 25 mm.
Cable area 2.5-10 mm2. Delivered without MCB/RCD. Space for 4 modules.
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
216RP6WP
2CMA164572R1000
1
0.82
3P+N+E
5
n Red
346-415
50 and 60
416RP6WP
2CMA164589R1000
1
0.94
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
232RP6WP
2CMA164602R1000
1
0.85
3P+N+E
5
n Red
346-415
50 and 60
432RP6WP
2CMA164619R1000
1
0.97
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com