전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 58 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 58 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 54Page - ABB 2CMA167166R1000 Datasheet HTML 55Page - ABB 2CMA167166R1000 Datasheet HTML 56Page - ABB 2CMA167166R1000 Datasheet HTML 57Page - ABB 2CMA167166R1000 Datasheet HTML 58Page - ABB 2CMA167166R1000 Datasheet HTML 59Page - ABB 2CMA167166R1000 Datasheet HTML 60Page - ABB 2CMA167166R1000 Datasheet HTML 61Page - ABB 2CMA167166R1000 Datasheet HTML 62Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
58 Industrial plugs and sockets | 2CMC700014C0008
16 A, IP44 Splashproof
Plastic enclosure (PA). Cable area 1.5-4 mm2
16 A, IP44 Splashproof
Plastic enclosure (PA). Cable area 1.5-4 mm2
32 A, IP44 Splashproof
Plastic enclosure (PA). Cable area 2.5-10 mm2
63 A, IP44 Splashproof
Plastic enclosure (PBT). Cable area 6-25 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
216B6 *
2CMA193338R1000
10
0.10
3P+E
4
n Black
600-690
50 and 60
316B5
2CMA193345R1000
10
0.13
4
n Red
380-415
50 and 60
316B6
2CMA193346R1000
10
0.13
4
n Blue
200-250
50 and 60
316B9
2CMA193348R1000
10
0.13
3P+N+E
5
n Red
346-415
50 and 60
416B6 *
2CMA193355R1000
10
0.14
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
3P+N+E
5
n Red
346-415
50 and 60
416BU6 *
2CMA193468R1000
10
0.14
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
232BU6 *
2CMA193434R1000
10
0.15
3P+E
4
n Black
600-690
50 and 60
332BU5
2CMA193441R1000
10
0.17
4
n Red
380-415
50 and 60
332BU6 *
2CMA193442R1000
10
0.17
4
n Blue
200-250
50 and 60
332BU9
2CMA193444R1000
10
0.17
3P+N+E
5
n Red
346-415
50 and 60
432BU6 *
2CMA193451R1000
10
0.19
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Blue
200-250
50 and 60
263BU6
2CMA167212R1000
1
0.50
3P+E
4
n Black
600-690
50 and 60
363BU5
2CMA167220R1000
1
0.55
4
n Red
380-415
50 and 60
363BU6
2CMA167222R1000
1
0.55
4
n Blue
200-250
50 and 60
363BU9
2CMA167226R1000
1
0.55
3P+N+E
5
n Red
346-415
50 and 60
463BU6 *
2CMA167234R1000
1
0.60
*) Indicates standard product.
Panel mounted socket inlets
Straight flange
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com