전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 71 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 71 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 67Page - ABB 2CMA167166R1000 Datasheet HTML 68Page - ABB 2CMA167166R1000 Datasheet HTML 69Page - ABB 2CMA167166R1000 Datasheet HTML 70Page - ABB 2CMA167166R1000 Datasheet HTML 71Page - ABB 2CMA167166R1000 Datasheet HTML 72Page - ABB 2CMA167166R1000 Datasheet HTML 73Page - ABB 2CMA167166R1000 Datasheet HTML 74Page - ABB 2CMA167166R1000 Datasheet HTML 75Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 71
Three way adaptors, 16 A, IP44 Splashproof
Plastic enclosure, one inlet and three socket-outlets
Additional products and accessories
Adaptors
Adaptors on cable, 16 A, IP44 Splashproof
Three way adaptor, 16 A, IP44 Splashproof
Plastic enclosure
One inlet, one socket-outlet and two socket-outlets Schuko 230 V
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
 Yellow
100-130
50 and 60
216T4
2CMA168120R1000
1
0.64
3
 Blue
200-250
50 and 60
216T6 *
2CMA168121R1000
1
0.64
3P+E
4
 Red
380-415
50 and 60
316T6 *
2CMA168122R1000
1
0.78
4
 Blue
200-250
50 and 60
316T9
2CMA168123R1000
1
0.78
3P+N+E
5
 Red
346-415
50 and 60
416T6 *
2CMA168124R1000
1
0.89
Dimensions, see page 88
Description
Type
Order code
Pack
Weight
kg/ea
3P+N+E
Inlet 1xIEC 16 A, 400 V
Outlet 2xSchuko 230 V
1xIEC 16 A, 400 V
416T6MIX *
2CMA170193R1000
1
1.00
Description
Type
Order code
Cable area
Pack
Length
m
Adaptor, 3-ways. From IEC 230 V
to Schuko 230 V.
216P6TRIO *
2CMA170186R1000 REVE 3G 1.5
1
1.50
Adaptor, 3-ways. From IEC 400 V
to Schuko 230 V
416P6TRIO *
2CMA170185R1000 REVE 5G 1.5
1
1.00
Adaptor, 3-ways. From IEC 400 V
16 A to 3 x IEC 400 V 16 A
416P6/216R6 *
2CMA170191R1000 REVE 5G 2.5
1
2.00
Adaptor, 3-ways. From IEC 400 V
16 A to 3 x IEC 400 V 16 A
416P6/416R6 *
2CMA170192R1000 REVE 5G 2.5
1
2.50
Adaptor, 3-ways. From IEC 400 V
16 A to 2xSchuko 230 V +
IEC 400 V 16 A
416P6/DUO+C *
2CMA170265R1000 REVE 5G 1.5
1
1.50
Adaptors, 10/16 A, IP44 Splashproof
Plastic enclosure
One inlet IEC 16 A and one outlet 10/16 A (Schuko)
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
 Blue
230
50 and 60
216Schuko *
2CMA170196R1000
10
0.14
3P+E
4
 Red
415/230
50 and 60
416Schuko *
2CMA170195R1000
10
0.18
*) Indicates standard product. Dimensions, see page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com