전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 27 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 27 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 23Page - ABB 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB 2CMA167166R1000 Datasheet HTML 28Page - ABB 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB 2CMA167166R1000 Datasheet HTML 31Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 27
Switched interlocked socket outlets
Horizontal
*) Indicates standard product.
- The switch insert can be equipped with
an auxiliary contact (see page 75).
16 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm up/M25 down. Cable area 1.5-4 mm2
32 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with knock-outs Ø 25 mm up/M25 down. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216MHS1W
2CMA167804R1000
1
0.55
3
n
Yellow
100-130
50 and 60
216MHS4W
2CMA167800R1000
1
0.55
3
n Blue
200-250
50 and 60
216MHS6W * 2CMA167801R1000
1
0.55
3
n Red
380-415
50 and 60
216MHS9W
2CMA167802R1000
1
0.55
3
n Grey
transf
50 and 60
216MHS12W
2CMA167803R1000
1
0.55
3P+E
4
n Grey
AC
316MHS1W
2CMA167814R1000
1
0.58
4
n Green
>50
>300-500
316MHS2W
2CMA167805R1000
1
0.58
4
n Red
380/440
50/60
316MHS3W
2CMA167806R1000
1
0.58
4
n Yellow
100-130
50 and 60
316MHS4W
2CMA167807R1000
1
0.58
4
n Black
600-690
50 and 60
316MHS5W
2CMA167808R1000
1
0.58
4
n Red
380-415
50 and 60
316MHS6W * 2CMA167809R1000
1
0.58
4
n Black
480-500
50 and 60
316MHS7W
2CMA167810R1000
1
0.58
4
n Blue
200-250
50 and 60
316MHS9W
2CMA167811R1000
1
0.58
4
n Green
>50
100-300
316MHS10W
2CMA167812R1000
1
0.58
4
n Red
440-460
60
316MHS11W
2CMA167813R1000
1
0.58
3P+N+E
5
n Grey
AC
416MHS1W
2CMA167822R1000
1
0.61
5
n Green
>50
>300-500
416MHS2W
2CMA167815R1000
1
0.61
5
n Red
380/440
50/60
416MHS3W
2CMA167816R1000
1
0.61
5
n Yellow
100-130
50 and 60
416MHS4W
2CMA167817R1000
1
0.61
5
n Red
346-415
50 and 60
416MHS6W *
2CMA167818R1000
1
0.61
5
n Black
480-500
50 and 60
416MHS7W
2CMA167819R1000
1
0.61
5
n Blue
208-250
50 and 60
416MHS9W
2CMA167820R1000
1
0.61
5
n Red
440-460
60
416MHS11W
2CMA167821R1000
1
0.61
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232MHS1W
2CMA167851R1000
1
0.60
3
n
Yellow
100-130
50 and 60
232MHS4W
2CMA167847R1000
1
0.60
3
n Blue
200-250
50 and 60
232MHS6W
2CMA167848R1000
1
0.60
3
n Red
380-415
50 and 60
232MHS9W
2CMA167849R1000
1
0.60
3
n Grey
transf
50 and 60
232MHS12W
2CMA167850R1000
1
0.60
3P+E
4
n Grey
AC
332MHS1W
2CMA167861R1000
1
0.63
4
n Green
>50
>300-500
332MHS2W
2CMA167852R1000
1
0.63
4
n Red
380/440
50/60
332MHS3W
2CMA167853R1000
1
0.63
4
n Yellow
100-130
50 and 60
332MHS4W
2CMA167854R1000
1
0.63
4
n Black
600-690
50 and 60
332MHS5W
2CMA167855R1000
1
0.63
4
n Red
380-415
50 and 60
332MHS6W
2CMA167856R1000
1
0.63
4
n Black
480-500
50 and 60
332MHS7W
2CMA167857R1000
1
0.63
4
n Blue
200-250
50 and 60
332MHS9W
2CMA167858R1000
1
0.63
4
n Green
>50
100-300
332MHS10W
2CMA167859R1000
1
0.63
4
n Red
440-460
60
332MHS11W
2CMA167860R1000
1
0.63
3P+N+E
5
n Grey
AC
432MHS1W
2CMA167869R1000
1
0.66
5
n Green
>50
>300-500
432MHS2W
2CMA167862R1000
1
0.66
5
n Red
380/440
50/60
432MHS3W
2CMA167863R1000
1
0.66
5
n Yellow
100-130
50 and 60
432MHS4W
2CMA167864R1000
1
0.66
5
n Red
346-415
50 and 60
432MHS6W *
2CMA167865R1000
1
0.66
5
n Black
480-500
50 and 60
432MHS7W
2CMA167866R1000
1
0.66
5
n Blue
208-250
50 and 60
432MHS9W
2CMA167867R1000
1
0.66
5
n Red
440-460
60
432MHS11W
2CMA167868R1000
1
0.66
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com