전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 76 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 76 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 72Page - ABB 2CMA167166R1000 Datasheet HTML 73Page - ABB 2CMA167166R1000 Datasheet HTML 74Page - ABB 2CMA167166R1000 Datasheet HTML 75Page - ABB 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB 2CMA167166R1000 Datasheet HTML 79Page - ABB 2CMA167166R1000 Datasheet HTML 80Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
76 Industrial plugs and sockets | 2CMC700014C0008
Schuko outlets, 10/16 A, 250 V, IP44 Splashproof
Metal enclosure (aluminum alloy)
The units have selfclosing lids which are lockable in closed position.
Terminals/
poles
Number
of outlets
Conductor
area, mm2
Cable entry
Type
Order code
Pack
qty
Weight
kg/ea
1P+E
2
1
2.5
2xM20
UJ110/2 *
2CMA178338R1000
10
0.30
2
2
2.5
2xM20
UJ210/2 *
2CMA178339R1000
5
0.60
2
4
2.5
2xM20+2xM25
UJ410 *
2CMA178341R1000
1
0.90
Dimensions, see page 90
Schuko outlet for mounting on supporting wire, wall or cable ladder
Plastic enclosure, 10/16 A, 250 V. For through supply of 3P+N+E.
Cable entry: conduit (2 pcs included)
Terminals/
poles
Number
of outlets
Conductor
area, mm2
Degree
of protection
Type
Order code
Pack
qty
Weight
kg/ea
1P+E
2
2
2.5
IP 20
2210 *
2CMA178311R1000
10
0.30
2
2
2.5
IP44
2210L *
2CMA178319R1000
10
0.30
Surface socket outlet with schuko, 16 A, IP44 Splashproof
Plastic enclosure, socket-outlet with 2 pole schuko 16 A,
Cable area 1.5-4 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
3P+N+E
5
 Red
400/230
50 and 60
CUE416-6+R/UJP * 2CMA178301R1000
10
0.34
*) Indicates standard product.
Additional products and accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com