전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 19 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 19 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB 2CMA167166R1000 Datasheet HTML 17Page - ABB 2CMA167166R1000 Datasheet HTML 18Page - ABB 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB 2CMA167166R1000 Datasheet HTML 21Page - ABB 2CMA167166R1000 Datasheet HTML 22Page - ABB 2CMA167166R1000 Datasheet HTML 23Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 19
Connectors
63 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with compression gland.
Internal and external cable clamp. Cable area 4-16 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
263C1W
2CMA166878R1000
1
0.80
3
n
Yellow
100-130
50 and 60
263C4W
2CMA166872R1000
1
0.80
3
n Blue
200-250
50 and 60
263C6W
2CMA166874R1000
1
0.80
3
n Red
380-415
50 and 60
263C9W
2CMA166876R1000
1
0.80
3P+E
4
n Grey
AC
363C1W
2CMA166902R1000
1
0.83
4
n Yellow
100-130
50 and 60
363C4W
2CMA166890R1000
1
0.83
4
n Black
600-690
50 and 60
363C5W
2CMA166892R1000
1
0.83
4
n Red
380-415
50 and 60
363C6W *
2CMA166894R1000
1
0.83
4
n Black
480-500
50 and 60
363C7W
2CMA166896R1000
1
0.83
4
n Blue
200-250
50 and 60
363C9W
2CMA166898R1000
1
0.83
4
n Red
440-460
60
363C11W
2CMA166900R1000
1
0.83
3P+N+E
5
n Grey
AC
463C1W
2CMA166914R1000
1
0.88
5
n Yellow
100-130
50 and 60
463C4W
2CMA166904R1000
1
0.88
5
n Red
346-415
50 and 60
463C6W *
2CMA166906R1000
1
0.88
5
n Black
480-500
50 and 60
463C7W
2CMA166908R1000
1
0.88
5
n Blue
208-250
50 and 60
463C9W
2CMA166910R1000
1
0.88
5
n Red
440-460
60
463C11W
2CMA166912R1000
1
0.88
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
2125C1W
2CMA166920R1000
1
1.37
3
n
Yellow
100-130
50 and 60
2125C4W
2CMA166916R1000
1
1.37
3
n Blue
200-250
50 and 60
2125C6W
2CMA166918R1000
1
1.37
3P+E
4
n Grey
AC
3125C1W
2CMA166932R1000
1
1.41
4
n Yellow
100-130
50 and 60
3125C4W
2CMA166922R1000
1
1.41
4
n Black
600-690
50 and 60
3125C5W
2CMA166923R1000
1
1.41
4
n Red
380-415
50 and 60
3125C6W *
2CMA166924R1000
1
1.41
4
n Red
380-415
50 and 60
3125C6W LP
2CMA169211R1000
1
1.41
4
n Black
480-500
50 and 60
3125C7W
2CMA166926R1000
1
1.41
4
n Blue
200-250
50 and 60
3125C9W *
2CMA166928R1000
1
1.41
4
n Red
440-460
60
3125C11W
2CMA166930R1000
1
1.41
3P+N+E
5
n Grey
AC
4125C1W
2CMA166944R1000
1
1.53
5
n Yellow
100-130
50 and 60
4125C4W
2CMA166934R1000
1
1.53
5
n Red
346-415
50 and 60
4125C6W *
2CMA166936R1000
1
1.53
5
n Red
346-415
50 and 60
4125C6W LP
2CMA169212R1000
1
1.53
5
n Black
480-500
50 and 60
4125C7W
2CMA166938R1000
1
1.53
5
n Blue
208-250
50 and 60
4125C9W
2CMA166940R1000
1
1.53
5
n Red
440-460
60
4125C11W
2CMA166942R1000
1
1.53
125 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with compression gland. Internal and external
cable clamp. LP types with long phase sleeves and pilot sleeve. Cable area 16-50 mm2
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com