전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 74 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 74 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 70Page - ABB 2CMA167166R1000 Datasheet HTML 71Page - ABB 2CMA167166R1000 Datasheet HTML 72Page - ABB 2CMA167166R1000 Datasheet HTML 73Page - ABB 2CMA167166R1000 Datasheet HTML 74Page - ABB 2CMA167166R1000 Datasheet HTML 75Page - ABB 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74 Industrial plugs and sockets | 2CMC700014C0008
Configuration
Type
Order code
Pack
qty
Weight
kg/ea
Inlet 32 A, 400 V
Outlet: 1x32 A, 400 V, for looping
1x16 A, 400 V with MCB
4x16 A Schuko 230 V with MCB 2+2 16 A
RCD 40 A 30 mA
BPC 32 *
2CMA170268R1000
1
3.40
Configuration
Type
Order code
Pack
qty
Weight
kg/ea
Inlet 16 A, 400 V
Outlet: 2x16 A, 400 V
4x16 A Schuko 230 V with MCB 2+2
RCD 25 A 30 mA
BPC 16 *
2CMA170266R1000
1
3.20
Inlet 16 A, 400 V
Outlet; 2x16 A, 400 V
4x16 A Schuko 230 V
RCD 25 A 30 mA
BPC 16 US *
2CMA170267R1000
1
3.10
16 A, IP44 Splashproof
Plastic enclosure (PBT)
Additional products and accessories
Building site connection units
32 A, IP44 Splashproof
Plastic enclosure (PBT)
Wiring diagrams
2CMA170266R1000
2CMA170267R1000
2CMA170268R1000
Inlet 16 A
Inlet 16 A
Inlet 32 A
Site connection units, 16 and 32 A, IP44 Splashproof
Plastic enclosure (PBT) with terminal block to supply
distribution boards in sheds. Cable entry: Tube entry Ø 25.5 mm
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
Rated current 16 A
3P+N+E
5
 Red
346-415
50 and 60
416A6 *
2CMA168127R1000
1
0.74
Rated current 32 A
3P+N+E
5
 Red
346-415
50 and 60
432A6 *
2CMA168128R1000
1
0.94
*) Indicates standard product. Dimensions, see page 89
BPC is a mobile outlet central used for building/construction sites.
It is tested and approved according to EN 60 439-4 which means that the enclosure and
wiring can handle the everyday life on construction sites.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com